Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

255-501-64-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 255-501-64-38
Description  Durable to shock and vibration
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

255-501-64-38 Datasheet(HTML) 4 Page - Marl International Limited

  255-501-64-38_14 Datasheet HTML 1Page - Marl International Limited 255-501-64-38_14 Datasheet HTML 2Page - Marl International Limited 255-501-64-38_14 Datasheet HTML 3Page - Marl International Limited 255-501-64-38_14 Datasheet HTML 4Page - Marl International Limited 255-501-64-38_14 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
255 series
Part numbers also available in the 255 series:
Part
Number
Colour
Voltage
Vopr
255-532-64
Green
8-48 Vac/dc 50Hz
255-997-64
White
8-48 Vac/dc 50Hz
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 255 - version 2014-05-22-173323
page 4 of 5


Similar Part No. - 255-501-64-38_14

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   filament replacement leds
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
More results

Similar Description - 255-501-64-38_14

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
Richco, Inc.
SVF-1 RICHCO-SVF-1 Datasheet
75Kb / 1P
   SHOCK AND VIBRATION FOOT
logo
TEMEX
RSX-5 TEMEX-RSX-5 Datasheet
477Kb / 5P
   Excellent shock and vibration performance
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
TEMEX
RSX-10 TEMEX-RSX-10 Datasheet
551Kb / 5P
   Excellent shock and vibration performance
RSX-8 TEMEX-RSX-8 Datasheet
1Mb / 10P
   Excellent shock and vibration performance
logo
EUROQUARTZ limited
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
   Very high shock and vibration survival
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
   Well anti-shock and anti-vibration
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com