Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3V330DBQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS3V330DBQR
Description  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3V330DBQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3V330DBQR Datasheet HTML 3Page - Texas Instruments TS3V330DBQR Datasheet HTML 4Page - Texas Instruments TS3V330DBQR Datasheet HTML 5Page - Texas Instruments TS3V330DBQR Datasheet HTML 6Page - Texas Instruments TS3V330DBQR Datasheet HTML 7Page - Texas Instruments TS3V330DBQR Datasheet HTML 8Page - Texas Instruments TS3V330DBQR Datasheet HTML 9Page - Texas Instruments TS3V330DBQR Datasheet HTML 10Page - Texas Instruments TS3V330DBQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS3V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS162B – MAY 2004 – REVISED OCTOBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
1
10
100
1000
Frequency − MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
Figure 1. Gain/Phase vs Frequency
0
Y
Gain 3 dB at 400 MHz
J
Phase at 3-dB Frequency, −38.28 Degrees
Phase
Gain
J
Y
Figure 2. Differential Gain/Phase vs VBIAS
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
−1.0
−1.6
−0.8
−1.8
−0.6
−1.4
−0.4
−0.2
0.0
VBIAS − V
−1.2
1.0
Y
Differential Gain at 0.714 V, −0.81%
J
Differential Phase at 0.714 V, 0.06 Degree
J
Y
Differental Phase
Differental Gain
Figure 3. Off Isolation vs Frequency
−80
−70
−60
−50
−40
−30
−20
−10
0
1
10
100
1000
Frequency − MHz
0
20
40
60
80
100
120
140
160
Y
Differential Gain at 0.714 V, −0.81%
J
Differential Phase at 0.714 V, 0.06 Degrees
Y
Off Isolation at 10 Mhz, −50.08 dB
J
Phase at 10 MHz, 87.8 Degrees
Off Isolation
Phase
J
Y
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
−250
−200
−150
−100
−50
0
50
100
150
200
250
Figure 4. Crosstalk vs Frequency
Y
Crosstalk at 10 MHz, −80 dB
J
Phase at 10 MHz, 100.62 Degrees
J
Y
1
10
100
1000
Frequency − MHz
Phase
Crosstalk


Similar Part No. - TS3V330DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330DBQR TI-TS3V330DBQR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQR TI-TS3V330DBQR Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRE4 TI-TS3V330DBQRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRE4 TI-TS3V330DBQRE4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330DBQRG4 TI-TS3V330DBQRG4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS3V330DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com