Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-062-76 Datasheet(PDF) 1 Page - Marl International Limited

Part # 240-062-76
Description  Ideal for high vibration applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

240-062-76 Datasheet(HTML) 1 Page - Marl International Limited

  240-062-76 Datasheet HTML 1Page - Marl International Limited 240-062-76 Datasheet HTML 2Page - Marl International Limited 240-062-76 Datasheet HTML 3Page - Marl International Limited 240-062-76 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
240 series
• Direct replacement for BA15d
• Bi-polar product
• Internally potted for increased reliability
• Ideal for high vibration applications
• 4 LED cluster
• Warm white LEDs can be used behind a coloured lens as a
true filament lamp replacement
• Pack quantity = 5 pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
240-061-64
Warm White
8-48
10
1300
* See pg.2
-40 - +110
-40 - +110
AB
240-062-64
Amber
8-48
10
690
600
-40 - +110
-40 - +110
AB
240-063-64
White
8-48
10
1500
* See pg.2
-40 - +110
-40 - +110
AB
240-064-64
Red
8-48
10
640
640
-40 - +100
-40 - +100
BB
240-065-64
Green
8-48
10
870
520
-40 - +110
-40 - +110
AB
240-066-64
Blue
8-48
10
310
460
-40 - +110
-40 - +110
AB
240-061-62
Warm White
48-130
5
1300
* See pg.2
-40 - +110
-40 - +110
AB
240-062-62
Amber
48-130
5
690
600
-40 - +110
-40 - +110
AB
240-063-62
White
48-130
5
1500
* See pg.2
-40 - +110
-40 - +110
AB
240-064-62
Red
48-130
5
640
640
-40 - +100
-40 - +100
BB
240-065-62
Green
48-130
5
870
520
-40 - +110
-40 - +110
AB
240-066-62
Blue
48-130
5
310
460
-40 - +110
-40 - +110
AB
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 240 - version 2013-09-24-173300
page 1 of 4


Similar Part No. - 240-062-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-062-76 MARL-240-062-76 Datasheet
202Kb / 4P
   Direct replacement for BA15d
More results

Similar Description - 240-062-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
   Suitable for high vibration applications
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
   Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
   Suitable for high vibration applications
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com