Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79147DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79147DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79147DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79147DBVT Datasheet HTML 6Page - Texas Instruments TPS79147DBVT Datasheet HTML 7Page - Texas Instruments TPS79147DBVT Datasheet HTML 8Page - Texas Instruments TPS79147DBVT Datasheet HTML 9Page - Texas Instruments TPS79147DBVT Datasheet HTML 10Page - Texas Instruments TPS79147DBVT Datasheet HTML 11Page - Texas Instruments TPS79147DBVT Datasheet HTML 12Page - Texas Instruments TPS79147DBVT Datasheet HTML 13Page - Texas Instruments TPS79147DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
10
APPLICATION INFORMATION
The TPS791xx family of low-dropout (LDO) regulators have been optimized for use in noise-sensitive
battery-operated equipment. The device features extremely low dropout voltages, high PSRR, ultralow output
noise, low quiescent current (170
µA typically), and enable-input to reduce supply currents to less than 1 µA
when the regulator is turned off.
A typical application circuit is shown in Figure 32.
0.1
µF
BYPASS
OUT
1
3
IN
EN
GND
2
4
5
VI
VO
1
µF
+
TPS791xx
0.01
µF
Figure 32. Typical Application Circuit
EXTERNAL CAPACITOR REQUIREMENTS
A 0.1-
µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS791xx, is required for stability and to improve transient response, noise rejection, and ripple rejection. A
higher-value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
Like all low dropout regulators, the TPS791xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 1
µF. Any 1 µF or larger ceramic
capacitor is suitable. The device is also stable with a 0.47
µF ceramic capacitor with at least 75 mΩ of ESR.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS791xx has a BYPASS pin
which is connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor,
in conjunction with an external bypass capacitor connected to the BYPASS pin, creates a low pass filter to
reduce the voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator
to operate properly, the current flow out of the BYPASS pin must be at a minimum because any leakage current
creates an IR drop across the internal resistor thus creating an output error. Therefore, the bypass capacitor
must have minimal leakage current.
For example, the TPS79118 exhibits approximately 15
µVRMS of output voltage noise using a 0.1 µF ceramic
bypass capacitor and a 1
µF ceramic output capacitor. Note that the output starts up slower as the bypass
capacitance increases due to the RC time constant at the bypass pin that is created by the internal 250 k
resistor and external capacitor.
BOARD LAYOUT RECOMMENDATION TO
IMPROVE PSRR AND NOISE
PERFORMANCE
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at
the ground pin of the device. In addition, the ground connection for the bypass capacitor should connect directly
to the ground pin of the device.


Similar Part No. - TPS79147DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79147DBVT TI-TPS79147DBVT Datasheet
884Kb / 21P
[Old version datasheet]   ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79147DBVT TI1-TPS79147DBVT Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147DBVTG4 TI-TPS79147DBVTG4 Datasheet
884Kb / 21P
[Old version datasheet]   ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79147DBVTG4 TI1-TPS79147DBVTG4 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79147DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com