Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA431BAM Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA431BAM
Description  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BAM Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA431BAM Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BAM Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BAM Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BAM Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BAM Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BAM Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2016. 03. 23
4/6
KIA431AA/BA/CA Series
Revision No : 3
Input
FIGURE 1-TEST CIRCUIT FOR VKA = Vref
off
I
KA
V
Input
FIGURE 3-TEST CIRCUIT FOR I off
KA
I
L
*C
1
R
2
R
150
FIGURE 4-TEST CIRCUIT FOR
satbility boundary conditions
FIGURE 2-TEST CIRCUIT FOR VKA > Vref
IK
IK
VKA
VKA
Input
R1
R2
Iref
VKA = Vref ( 1+
) + Iref R1
R1
R2
Max.
Min.
T1
T2
AMBIENT TEMPERATURE
-
Vref (Min.)
Ta = T2 - T1
Vref
Vref
Vref
Vref = Vref (Max.)
Vref
Example :
ΔVref = 8.0mV and slope is positive,
Vref at 25℃=2.495V, ΔTa=70℃
0.008
×106
αVref =
= 45.8 ppm/
70
×(2.495)
Note 2: The dynamic impedance Zka is defined as:
ΔVKA
|Zka| =
ΔIK
When the device is programmed with two external
resistors, R1 and R2, (refer to Figure 2) the total
dynamic impedance of the circuit is defined as:
R1
|Zka’| = |Zka| (1+
)
R2
Note 1:
The deviation parameter
ΔVref is defined as the differences
between the maximum and minimum values obtained over the
full operating ambient temperature range that applies.
* Note 1: Recommend using more than CL = 10uF
under IKA = 1mA
The average temperature coefficient of the Reference
input voltage,
ΔVref , is defined as:
ΔVref
(
)
× 106
ppm
Vref at 25℃
αVref (
) =
℃ΔTa
ΔVref × 106
=
ΔTa(Vref at 25℃)
αVref can be positive or negative depending on whether
Vref Min. or Vref Max. occurs at the lower ambient temperature.


Similar Part No. - KIA431BAM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
   Laser Marking
KIA431B KEC-KIA431B Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431B KEC-KIA431B Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431BCF KEC-KIA431BCF Datasheet
389Kb / 7P
   SEMICONDUCTOR
KIA431BCM KEC-KIA431BCM Datasheet
389Kb / 7P
   SEMICONDUCTOR
More results

Similar Description - KIA431BAM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com