Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA431BCF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA431BCF
Description  SEMICONDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BCF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA431BCF Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 6Page - KEC(Korea Electronics) KIA431BCF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2015. 4. 01
1/7
Revision No : 4
Cathode (K)
Anode (A)
Reference (R)
2.5Vref
+
-
Reference (R)
Anode (A)
Cathode (K)
PROGRAMMABLE PRECISION REFERENCES
The KIA431 Series integrated circuits are three-terminal programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low temperature coefficient zener which is programmable from Vref
to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a
typical dynamic impedance of 0.22
Ω.The characteristics of these references make them excellent replacements for
zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt
reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the KIA431 Series
operates as a shunt regulator, it can be used as either a positive or negative voltage reference.
FEATURES
・Low Dynamic Output Impedance : 0.22Ω(Typ.).
・Sink Current Capability of 1.0 to 100mA.
・Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.).
・Temperature Compensated for Operation Over Full Rated Operating Temperature Range.
・Minimum Cathode Current for Regualation : 600μA(Max).
LINE UP
SEMICONDUCTOR
TECHNICAL DATA
KIA431AC/BC Series
BIPOLAR LINEAR INTEGRATED CIRCUIT
PIN CONFIGURATION (SOT-23)
3
3
2
2
1
1
1. Cathode 2. Ref 3. Anode
TOP
VIEW
BLOCK DIAGRAM
Type No.
Package
Marking
KIA431ACP
TO-92
-
KIA431BCP
-
KIA431ACF
SOT-89
3E
KIA431BCF
3F
KIA431ACM
SOT-23
4AC
KIA431BCM
4BC


Similar Part No. - KIA431BCF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
   Laser Marking
KIA431B KEC-KIA431B Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431B KEC-KIA431B Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431BA KEC-KIA431BA Datasheet
384Kb / 6P
   SEMICONDUCTOR
KIA431BAM KEC-KIA431BAM Datasheet
384Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA431BCF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com