Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U5021M-NFP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U5021M-NFP
Description  DIGITAL WINDOW WATCHDOG TIMER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U5021M-NFP Datasheet(HTML) 4 Page - ATMEL Corporation

  U5021M-NFP Datasheet HTML 1Page - ATMEL Corporation U5021M-NFP Datasheet HTML 2Page - ATMEL Corporation U5021M-NFP Datasheet HTML 3Page - ATMEL Corporation U5021M-NFP Datasheet HTML 4Page - ATMEL Corporation U5021M-NFP Datasheet HTML 5Page - ATMEL Corporation U5021M-NFP Datasheet HTML 6Page - ATMEL Corporation U5021M-NFP Datasheet HTML 7Page - ATMEL Corporation U5021M-NFP Datasheet HTML 8Page - ATMEL Corporation U5021M-NFP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
U5021M
4756C–AUTO–09/04
Figure 3. Period t versus R
1, at C1 = 500 pF
Figure 4. Power-on Reset and Switch-over Mode
Supply Voltage
Monitoring, Pin 5
During ramp-up of the supply voltage and in the case of supply-voltage drops the inte-
grated power-on reset (POR) circuitry sets the internal logic to a defined basic status
and generates a reset pulse at the reset output, pin 5. A hysteresis in the POR threshold
prevents the circuit from oscillating. During ramp-up of the supply voltage, the reset out-
put stays active for a specified period of time (t
0) in order to bring the microcontroller into
its defined reset status (see Figure 4). Pin 5 has an open-drain output.
Switch-over Mode Time,
Pin 3
The switch-over mode time enables the synchronous operation of microcontroller and
watchdog. When the power-on reset time has elapsed, the watchdog has to be switched
to monitoring mode by the microcontroller by a “low” signal transmitted to the mode pin
(pin 3) within the time-out period, t1. If the low signal does not occur within t1 (see Figure
4), the watchdog generates a reset pulse, t6, and t1 starts again. Microcontroller and
watchdog are synchronized with the switch-over mode time, t1, each time a reset pulse
is generated.
1.00
10.00
100.00
1000.00
1
10
100
1000
t (µs)
C
1 = 500 pF
4.5 V
5.5 V
5.0 V
R
1 (kΩ)
t
0
Reset Out
Mode
VDD
Pin 6
Pin 5
Pin 3
t
1
t
6


Similar Part No. - U5021M-NFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M-NFPG3Y ATMEL-U5021M-NFPG3Y Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
U5021M-NFPY ATMEL-U5021M-NFPY Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
More results

Similar Description - U5021M-NFP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
   Digital Window Watchdog Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com