Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC6981F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIC6981F
Description  SEMICONDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIC6981F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2013. 1. 17
6/8
KIC6981F/MF
Revision No : 1
Supply Current, Output Enabled vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
22
27
32
37
42
47
Vin=5.0V
Vin=3.3V
Vin=2.7V
Ambient Temperature (
)
Undervoltage Lockout vs
Ambient Temperature
0100
-60
-40
-20
20
40
60
80
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
UVLO Rising
UVLO Falling
Ambient Temperature (
)
Static Drain-Source On-State Resistance vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
50
100
90
80
70
60
110
120
130
140
150
160
170
180
Vin=2.7V
Vin=3.3V
Vin=5V
Ambient Temperature (
)
Supply Current, Output Disabled vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
0
0.5
0.4
0.3
0.2
0.1
0.6
0.7
0.8
0.9
Vin=5.0V
Vin=2.7V
Vin=3.3V
Ambient Temperature (
)
Short-Circuit Output Current vs
Ambient Temerature
0100
-60
-40
-20
20
40
60
80
2.00
2.05
2.10
2.15
2.20
2.25
2.30
Vin=5.0V
Vin=3.3V
Vin=2.7V
CL=120uF
Ambient Temperature (
)
Typical Performance Characteristics (Continued)


Similar Part No. - KIC6981F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
More results

Similar Description - KIC6981F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com