Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC6982F-MF Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIC6982F-MF
Description  SEMICONDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F-MF Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIC6982F-MF Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2013. 7. 24
7/8
KIC6982F/MF
Revision No : 0
Functional Description
1. Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an over-current condition is detected, the device maintains a constant
output current and reduces the output voltage accordingly. Complete shutdown occurs only if the fault stays long enough to
activate thermal limiting.
2. Thermal Protection
Thermal protection prevents the IC from damage when the die temperature exceeds safe margins. This mainly occurs when
heavy-overload or short-circuit faults are present for extended periods of time. The KIC6982F/MF implements a thermal
sensing to monitor the operating junction temperature of the power distribution switch. Once the die temperature rises to
approximately 150
°C, the Thermal protection feature gets activated as follows: The internal thermal sense circuitry turns the
power switch off and the FLG output is asserted thus preventing the power switch from damage. Hysteresis in the thermal sense
circuit allows the device to cool down to approximately 25
°C before the output is turned back on. This built-in thermal
hysteresis feature is an excellent feature, as it avoids undesirable oscillations of the thermal protection circuit. The switch
continues to cycle in this manner until the load fault is removed, resulting in a pulsed output. The FLG open-drain output is
asserted when an over-current occurs with 7-ms deglitch.
3. Under-Voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) guarantees that the internal power switch is initially off during start-up. The UVLO
functions only when the switch is enabled. Even if the switch is enabled, the switch is not turned ON until the power supply has
reached at least 2.2V. Whenever the input voltage falls below approximately 2.2V, the power switch is turned off. This
facilitates the design of hot-insertion systems where it is not possible to turn off the power switch before input power is
removed.
4. Reverse Current Protection
In a normal MOSFET switch, current can flow in reverse direction (from the output side to the input side) when the output side
voltage is higher than the input side, even when the switch is turned off. A reverse-current blocking feature is implemented in
the KIC6982F/MF to prevent such back currents. This circuit is activated by the difference between the output voltage and the
input voltage. When the switch is disabled, this feature blocks reverse current flow from the output back to the input.
5. Discharge Function
When enable is de-asserted, the discharge function is active. The output capacitor is discharged through an internal NMOS that
has a discharge resistance of 100
Ω. Hence, the output voltage drops down to zero. The time taken for discharge is dependent
on the RC time constant of the resistance and the output capacitor.
6. FLG Response
The FLG open-drain output goes active low for any of the two conditions: Over-Current or Over-Temperature. The time from
when a fault condition is encountered to when the FLG output goes low is 7-ms (TYP). The FLG output remains low until both
over-current and over-temperature conditions are removed. Connecting a heavy capacitive load to the output of the device can
cause a momentary Over-current condition, which does not trigger the FLG due to the 7-ms deglitch timeout. The
KIC6982F/MF is designed to eliminate erroneous Over-current reporting without the need for external components, such as an
RC delay network.


Similar Part No. - KIC6982F-MF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   SEMICONDUCTOR
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981MF KEC-KIC6981MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

Similar Description - KIC6982F-MF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com