Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27321 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27321
Description  SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27321 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27321 Datasheet HTML 2Page - Texas Instruments UCC27321 Datasheet HTML 3Page - Texas Instruments UCC27321 Datasheet HTML 4Page - Texas Instruments UCC27321 Datasheet HTML 5Page - Texas Instruments UCC27321 Datasheet HTML 6Page - Texas Instruments UCC27321 Datasheet HTML 7Page - Texas Instruments UCC27321 Datasheet HTML 8Page - Texas Instruments UCC27321 Datasheet HTML 9Page - Texas Instruments UCC27321 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504C − SEPTEMBER 2002 − REVISED NOVEMBER 2004
6
www.ti.com
APPLICATION INFORMATION
general information
The UCC37321 and UCC37322 drivers serve as an interface between low-power controllers and power
MOSFETs. They can also be used as an interface between DSPs and power MOSFETs. High-frequency power
supplies often require high-speed, high-current drivers such as the UCC37321/2 family. A leading application
is the need to provide a high power buffer stage between the PWM output of the control device and the gates
of the primary power MOSFET or IGBT switching devices. In other cases, the device drives the power device
gates through a drive transformer. Synchronous rectification supplies also have the need to simultaneously
drive multiple devices which can present an extremely large load to the control circuitry.
The inverting driver (UCC37321) is useful for generating inverted gate drive signals from controllers that have
only outputs of the opposite polarity. For example, this driver can provide a gate signal for ground referenced,
N-channel synchronous rectifier MOSFETs in buck derived converters. This driver can also be used for
generating a gate drive signal for a P-channel MOSFET from a controller that is designed for N-channel
applications.
MOSFET gate drivers are generally used when it is not feasible to have the primary PWM regulator device
directly drive the switching devices for one or more reasons. The PWM device may not have the brute drive
capability required for the intended switching MOSFET, limiting the switching performance in the application.
In other cases there may be a desire to minimize the effect of high frequency switching noise by placing the high
current driver physically close to the load. Also, newer devices that target the highest operating frequencies may
not incorporate onboard gate drivers at all. Their PWM outputs are only intended to drive the high impedance
input to a driver such as the UCC37321/2. Finally, the control device may be under thermal stress due to power
dissipation, and an external driver can help by moving the heat from the controller to an external package.
input stage
The IN threshold has a 3.3-V logic sensitivity over the full range of VDD voltages; yet, it is equally compatible
with 0 V to VDD signals. The inputs of UCC37321/2 family of drivers are designed to withstand 500-mA reverse
current without either damage to the device or logic upset. In addition, the input threshold turn-off of the
UCC37321/2 has been slightly raised for improved noise immunity. The input stage of each driver should be
driven by a signal with a short rise or fall time. This condition is satisfied in typical power supply applications,
where the input signals are provided by a PWM controller or logic gates with fast transition times (<200 ns). The
IN input of the driver functions as a digital gate, and it is not intended for applications where a slow changing
input voltage is used to generate a switching output when the logic threshold of the input section is reached.
While this may not be harmful to the driver, the output of the driver may switch repeatedly at a high frequency.
Users should not attempt to shape the input signals to the driver in an attempt to slow down (or delay) the signal
at the output. If limiting the rise or fall times to the power device is desired, then an external resistance can be
added between the output of the driver and the load device, which is generally a power MOSFET gate. The
external resistor may also help remove power dissipation from the device package, as discussed in the section
on Thermal Considerations.


Similar Part No. - UCC27321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321 TI-UCC27321 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com