Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

214-998-55-50 Datasheet(PDF) 4 Page - Marl International Limited

Part # 214-998-55-50
Description   Direct replacement for T3 쩌 BA9s Incandescent
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

214-998-55-50 Datasheet(HTML) 4 Page - Marl International Limited

  214-998-55-50 Datasheet HTML 1Page - Marl International Limited 214-998-55-50 Datasheet HTML 2Page - Marl International Limited 214-998-55-50 Datasheet HTML 3Page - Marl International Limited 214-998-55-50 Datasheet HTML 4Page - Marl International Limited 214-998-55-50 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
214 - RIA12 series
Part numbers also available in the 214 series:
Part
Number
Colour
Voltage
Vopr
214-301-00-50
Red
20 Vdc
214-301-21-50
Red
12 Vdc
214-301-22-50
Red
24 Vdc
214-301-23-51
Red
28 Vdc
214-301-23-52
Red
28 Vdc
214-301-25-52
Red
110 Vdc
214-301-55-50
Red
130 Vdc
214-301-87-50
Red
130 Vac/dc
214-324-22-50
Green
24 Vdc
214-324-22-51
Green
24 Vdc
214-324-55-50
Green
130 Vdc
214-324-74-50
Green
48 Vac 50 Hz
214-324-84-50
Green
130 Vac
214-324-87-50
Green
130 Vac/dc
214-325-00-50
Yellow
55 Vac/dc
214-325-22-50
Yellow
24 Vdc
214-325-55-50
Yellow
130 Vdc
214-325-87-50
Yellow
130 Vac/dc
214-501-00-52
Red
55 Vac/dc
214-501-00-53
Red
65 Vdc
214-501-00-55
Red
150 Vdc RP
214-501-00-56
Red
150 Vdc
214-501-00-99
Red
55 Vac/dc
214-501-23-50
Red
28 Vdc
214-501-24-38
Red
48 Vdc
214-501-25-50
Red
110 Vdc
214-501-51-50
Red
52 Vdc
214-501-75-99
Red
110 Vac 50 Hz
214-501-87-50
Red
130 Vac/dc
214-521-00-50
Yellow
55 Vac/dc
214-521-21-50
Yellow
12 Vdc
214-521-22-38
Yellow
24 Vdc
214-521-23-50
Yellow
28 Vdc
214-521-25-50
Yellow
110 Vdc
214-521-87-50
Yellow
130 Vac/dc
214-532-00-50
Green
55 Vac/dc
214-532-87-50
Green
130 Vac/dc
214-930-22-51
Blue
24 Vdc
214-930-23-50
Blue
28 Vdc
214-930-24-50
Blue
48 Vdc
214-930-25-50
Blue
110 Vdc
214-930-25-51
Blue
110 Vdc
214-930-25-99
Blue
110 Vdc
214-930-51-50
Blue
52 Vdc
214-934-22-50
Blue
24 Vdc
214-934-55-50
Blue
130 Vdc
214-934-87-50
Blue
130 Vac/dc
214-993-51-50
Warm White
52 Vdc
214-997-00-56
White
150 Vdc RP
214-997-00-57
White
150 Vdc
214-997-23-50
White
28 Vdc
214-997-24-50
White
48 Vdc
Part
Number
Colour
Voltage
Vopr
214-997-25-50
White
110 Vdc
214-997-25-51
White
110 Vdc
214-997-35-50
White
110 Vdc RP
214-997-51-50
White
52 Vdc
214-997-56-50
White
72 Vdc
214-997-87-50
White
130 Vac/dc
214-998-00-50
White
150 Vdc
214-998-22-50
White
24 Vdc
214-998-22-51
White
24 Vdc
214-998-25-51
White
110 Vdc
214-998-33-50
White
28 Vdc RP
214-998-55-50
White
130 Vdc
214-998-75-50
White
110 Vac 50 Hz
214-998-76-50
White
230 Vac 50 Hz
214-998-84-50
White
130 Vac
214-998-87-50
White
130 Vac/dc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 214 - RIA12 - version 2013-11-05-173246
page 4 of 5


Similar Part No. - 214-998-55-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
214-997-22-50 MARL-214-997-22-50 Datasheet
191Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
214-997-75-50 MARL-214-997-75-50 Datasheet
191Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
More results

Similar Description - 214-998-55-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255 MARL-255 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
215 MARL-215 Datasheet
286Kb / 5P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com