Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC416E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC416E
Description  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC416E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC416E Datasheet HTML 1Page - KEC(Korea Electronics) KRC416E Datasheet HTML 2Page - KEC(Korea Electronics) KRC416E Datasheet HTML 3Page - KEC(Korea Electronics) KRC416E Datasheet HTML 4Page - KEC(Korea Electronics) KRC416E Datasheet HTML 5Page - KEC(Korea Electronics) KRC416E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008. 11. 20
2/6
KRC416E~KRC422E
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC416E~422E
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC416E
GI
VO=5V, IO=5mA
33
-
-
KRC417E
VO=5V, IO=20mA
20
-
-
KRC418E
VO=5V, IO=10mA
33
-
-
KRC419E
VO=5V, IO=10mA
30
-
-
KRC420E
VO=5V, IO=10mA
24
-
-
KRC421E
VO=5V, IO=5mA
33
-
-
KRC422E
VO=5V, IO=5mA
62
-
-
Output Voltage
KRC416E
VO(ON)
IO=10mA, II=0.5mA
-
-
0.3
V
KRC417E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC418E
IO=10mA, II=0.5mA
-
-
0.3
KRC419E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC420E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC421E
IO=10mA, II=0.5mA
-
0.1
0.3
KRC422E
IO=5mA, II=0.25mA
-
0.1
0.3
Input Voltage (ON)
KRC416E
VI(ON)
VO=0.3V, IO=20mA
-
0.98
3
V
KRC417E
VO=0.3V, IO=20mA
-
1.83
3
KRC418E
VO=0.3V, IO=20mA
-
1.22
3
KRC419E
VO=0.3V, IO=20mA
-
1.76
2.5
KRC420E
VO=0.3V, IO=2mA
-
2
3
KRC421E
VO=0.3V, IO=2mA
-
3.9
5
KRC422E
VO=0.3V, IO=1mA
-
1.64
3
Input Voltage (OFF)
KRC416E
VI(OFF)
VCC=5V, IO=100μA
0.3
0.63
-
V
KRC417E
0.5
1.15
-
KRC418E
0.3
0.67
-
KRC419E
0.3
0.82
-
KRC420E
0.8
1.68
-
KRC421E
1
3.09
-
KRC422E
0.5
1.17
-
Transition Frequency
KRC416E~422E
fT*
VO=10V, IO=5mA
-
250
-
MHz
Input Current
KRC416E
II
VI=5V
-
-
7.2
mA
KRC417E
-
-
3.8
KRC418E
-
-
3.8
KRC419E
-
-
1.8
KRC420E
-
-
0.88
KRC421E
-
-
0.16
KRC422E
-
-
0.15
Note : * Characteristic of Transistor Only.
Input Resistor
KRC416E
R1
-
0.7
1
1.3
kΩ
KRC417E
1.54
2.2
2.86
KRC418E
1.54
2.2
2.86
KRC419E
3.29
4.7
6.11
KRC420E
7
10
13
KRC421E
32.9
47
61.1
KRC422E
70
100
130
Resistor Ratio
KRC416E
R2/R1
-
8
10
12
KRC417E
0.8
1.0
1.2
KRC418E
3.6
4.5
5.5
KRC419E
1.7
2.1
2.6
KRC420E
0.37
0.47
0.57
KRC421E
0.17
0.21
0.26
KRC422E
0.8
1.0
1.2


Similar Part No. - KRC416E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC416 KEC-KRC416 Datasheet
185Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC416V KEC-KRC416V Datasheet
390Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KRC416E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com