Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27423 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27423
Description  DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27423 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27423 Datasheet HTML 2Page - Texas Instruments UCC27423 Datasheet HTML 3Page - Texas Instruments UCC27423 Datasheet HTML 4Page - Texas Instruments UCC27423 Datasheet HTML 5Page - Texas Instruments UCC27423 Datasheet HTML 6Page - Texas Instruments UCC27423 Datasheet HTML 7Page - Texas Instruments UCC27423 Datasheet HTML 8Page - Texas Instruments UCC27423 Datasheet HTML 9Page - Texas Instruments UCC27423 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UCC27423, UCC27424, UCC27425
SLUS545B − NOVEMBER 2002 − REVISED NOVEMBER 2004
6
www.ti.com
Terminal Functions
TERMINAL
FUNCTION
NO.
NAME
I/O
FUNCTION
1
ENBA
I
Enable input for the driver A with logic compatible threshold and hysteresis. The driver
output can be enabled and disabled with this pin. It is internally pulled up to VDD with
100-k
Ω resistor for active high operation. The output state when the device is disabled
will be low regardless of the input state.
2
INA
I
Input A. Input signal of the A driver which has logic compatible threshold and hysteresis.
If not used, this input should be tied to either VDD or GND. It should not be left floating.
3
GND
Common ground. This ground should be connected very closely to the source of the
power MOSFET which the driver is driving.
4
INB
I
Input B. Input signal of the A driver which has logic compatible threshold and hysteresis.
If not used, this input should be tied to either VDD or GND. It should not be left floating.
5
OUTB
O
Driver output B. The output stage is capable of providing 4-A drive current to the gate of
a power MOSFET.
6
VDD
I
Supply. Supply voltage and the power input connection for this device.
7
OUTA
O
Driver output A. The output stage is capable of providing 4-A drive current to the gate of
a power MOSFET.
8
ENBB
I
Enable input for the driver B with logic compatible threshold and hysteresis. The driver
output can be enabled and disabled with this pin. It is internally pulled up to VDD with
100-k
Ω resistor for active high operation. The output state when the device is disabled
will be low regardless of the input state.
APPLICATION INFORMATION
General Information
High frequency power supplies often require high-speed, high-current drivers such as the UCC27423/4/5 family.
A leading application is the need to provide a high power buffer stage between the PWM output of the control
IC and the gates of the primary power MOSFET or IGBT switching devices. In other cases, the driver IC is
utilized to drive the power device gates through a drive transformer. Synchronous rectification supplies also
have the need to simultaneously drive multiple devices which can present an extremely large load to the control
circuitry.
Driver ICs are utilized when it is not feasible to have the primary PWM regulator IC directly drive the switching
devices for one or more reasons. The PWM IC may not have the brute drive capability required for the intended
switching MOSFET, limiting the switching performance in the application. In other cases there may be a desire
to minimize the effect of high frequency switching noise by placing the high current driver physically close to
the load. Also, newer ICs that target the highest operating frequencies may not incorporate onboard gate drivers
at all. Their PWM outputs are only intended to drive the high impedance input to a driver such as the
UCC27423/4/5. Finally, the control IC may be under thermal stress due to power dissipation, and an external
driver can help by moving the heat from the controller to an external package.


Similar Part No. - UCC27423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results

Similar Description - UCC27423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com