Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC28025N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC28025N
Description  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC28025N Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC28025N Datasheet HTML 2Page - Texas Instruments UC28025N Datasheet HTML 3Page - Texas Instruments UC28025N Datasheet HTML 4Page - Texas Instruments UC28025N Datasheet HTML 5Page - Texas Instruments UC28025N Datasheet HTML 6Page - Texas Instruments UC28025N Datasheet HTML 7Page - Texas Instruments UC28025N Datasheet HTML 8Page - Texas Instruments UC28025N Datasheet HTML 9Page - Texas Instruments UC28025N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
UC28023
UC28025
SLUS557B − MARCH 2003 − REVISED APRIL 2004
6
www.ti.com
TERMINAL FUNCTIONS
NAME
TERMINAL
I/O
DESCRIPTION
NAME
UC28023
UC28025
I/O
DESCRIPTION
CLOCK
4
4
O
Output of the internal oscillator
CT
6
6
I
Timing capacitor connection pin for oscillator frequency programming. The timing capacitor should
be connected to the device ground using minimal trace length.
EAOUT
3
3
O
Output of the error amplifier for compensation
GND
10
10
Analog ground return pin.
ILIM/SD
9
9
I
Input to the current limit comparator and the shutdown comparator.
ILIMREF
11
I
Pin to set the current limit threshold externally.
INV
1
1
I
Inverting input to the error amplifier
NI
2
2
I
Non-inverting input to the error amplifier
OUT
14
O
High current totem pole output of the on-chip drive stage.
OUTA
11
O
High current totem pole output A of the on-chip drive stage.
OUTB
14
O
High current totem pole output B of the on-chip drive stage.
PGND
12
12
Ground return pin for the output driver stage
RAMP
7
7
I
Non-inverting input to the PWM comparator with 1.25-V internal input offset. In voltage mode
operation this serves as the input voltage feed-forward function by using the CT ramp. In peak
current mode operation, this serves as the slope compensation input.
RT
5
5
I
Timing resistor connection pin for oscillator frequency programming
SS
8
8
I
Soft-start input pin which also doubles as the maximum duty cycle clamp.
VC
13
13
Power supply pin for the output stage. This pin should be bypassed with a 0.1-
µF monolithic
ceramic low ESL capacitor with minimal trace lengths.
VCC
15
15
Power supply pin for the device. This pin should be bypassed with a 0.1-
µF monolithic ceramic
low ESL capacitor with minimal trace lengths
VREF
16
16
O
5.1−V reference. For stability, the reference should be bypassed with a 0.1-
µF monolithic ceramic
low ESL capacitor and minimal trace length to the ground plane.


Similar Part No. - UC28025N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28025N TI1-UC28025N Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28025NG4 TI1-UC28025NG4 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC28025N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28023 TI1-UC28023_13 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com