Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27321DGN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27321DGN
Description  SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27321DGN Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27321DGN Datasheet HTML 5Page - Texas Instruments UCC27321DGN Datasheet HTML 6Page - Texas Instruments UCC27321DGN Datasheet HTML 7Page - Texas Instruments UCC27321DGN Datasheet HTML 8Page - Texas Instruments UCC27321DGN Datasheet HTML 9Page - Texas Instruments UCC27321DGN Datasheet HTML 10Page - Texas Instruments UCC27321DGN Datasheet HTML 11Page - Texas Instruments UCC27321DGN Datasheet HTML 12Page - Texas Instruments UCC27321DGN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504C − SEPTEMBER 2002 − REVISED NOVEMBER 2004
9
www.ti.com
APPLICATION INFORMATION
VDD
Although quiescent VDD current is very low, total supply current will be higher, depending on OUTA and OUTB
current and the operating frequency. Total VDD current is the sum of quiescent VDD current and the average
OUT current. Knowing the operating frequency and the MOSFET gate charge (Qg), average OUT current can
be calculated from:
IOUT = Qg x f, where f is frequency
For the best high-speed circuit performance, two VDD bypass capacitors are recommended tp prevent noise
problems. The use of surface mount components is highly recommended. A 0.1-
µF ceramic capacitor should
be located closest to the VDD to ground connection. In addition, a larger capacitor (such as 1-
µF) with relatively
low ESR should be connected in parallel, to help deliver the high current peaks to the load. The parallel
combination of capacitors should present a low impedance characteristic for the expected current levels in the
driver application.
drive current and power requirements
The UCC37321/2 family of drivers are capable of delivering 9-A of current to a MOSFET gate for a period of
several hundred nanoseconds. High peak current is required to turn an N-channel device ON quickly. Then, to
turn the device OFF, the driver is required to sink a similar amount of current to ground. This repeats at the
operating frequency of the power device. An N-channel MOSFET is used in this discussion because it is the
most common type of switching device used in high frequency power conversion equipment.
References 1 and 2 contain detailed discussions of the drive current required to drive a power MOSFET and
other capacitive−input switching devices. Much information is provided in tabular form to give a range of the
current required for various devices at various frequencies. The information pertinent to calculating gate drive
current requirements will be summarized here; the original document is available from the TI website.
When a driver device is tested with a discrete, capacitive load it is a fairly simple matter to calculate the power
that is required from the bias supply. The energy that must be transferred from the bias supply to charge the
capacitor is given by:
E
+ 1
2
CV2, where C is the load capacitor and V is the bias voltage feeding the driver.
There is an equal amount of energy transferred to ground when the capacitor is discharged. This leads to a
power loss given by the following:
P
+ 2
1
2
CV2f, where f is the switching frequency.
This power is dissipated in the resistive elements of the circuit. Thus, with no external resistor between the driver
and gate, this power is dissipated inside the driver. Half of the total power is dissipated when the capacitor is
charged, and the other half is dissipated when the capacitor is discharged. An actual example using the
conditions of the previous gate drive waveform should help clarify this.
With VDD = 12 V, CLOAD = 10 nF, and f = 300 kHz, the power loss can be calculated as:
P = 10 nF x (12)2 x (300 kHz) = 0.432 W
With a 12-V supply, this would equate to a current of:
I
+ P
V
+ 0.432 W
12 V
+ 0.036 A


Similar Part No. - UCC27321DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321DGN TI-UCC27321DGN Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321DGN TI1-UCC27321DGN Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321DGN TI1-UCC27321DGN Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27321DGNG4 TI-UCC27321DGNG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321DGNG4 TI1-UCC27321DGNG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com