Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N24C08UDTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # N24C08UDTG
Description  2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N24C08UDTG Datasheet(HTML) 3 Page - ON Semiconductor

  N24C08UDTG Datasheet HTML 1Page - ON Semiconductor N24C08UDTG Datasheet HTML 2Page - ON Semiconductor N24C08UDTG Datasheet HTML 3Page - ON Semiconductor N24C08UDTG Datasheet HTML 4Page - ON Semiconductor N24C08UDTG Datasheet HTML 5Page - ON Semiconductor N24C08UDTG Datasheet HTML 6Page - ON Semiconductor N24C08UDTG Datasheet HTML 7Page - ON Semiconductor N24C08UDTG Datasheet HTML 8Page - ON Semiconductor N24C08UDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
N24C02, N24C04, N24C08, N24C16
www.onsemi.com
3
Table 5. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.7 V / 1.6 V* to 5.5 V, TA = −40°C to +85°C and VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 4)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP, IA
(Note 5)
WP Input Current, Address Input
Current (A0, A1, A2)
VIN < VIH, VCC = 5.5 V
50
mA
VIN < VIH, VCC = 3.3 V
35
VIN < VIH, VCC = 1.7 V
25
VIN > VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP, A0, A1 and A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively
strong; therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.
*VCC(min) = 1.6 V for Read operations, TA = −20°C to +85°C.
Table 6. A.C. CHARACTERISTICS
(VCC = 1.7 V / 1.6 V* to 5.5 V, TA = −40°C to +85°C and VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.) (Note 6)
Symbol
Parameter
Standard
Fast
Fast−Plus
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.26
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.50
ms
tHIGH
High Period of SCL Clock
4
0.6
0.26
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.26
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 7)
SDA and SCL Rise Time
1,000
300
120
ns
tF (Note 7)
SDA and SCL Fall Time
300
300
120
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.26
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.45
ms
tDH (Note 7)
Data Out Hold Time
100
100
50
ns
Ti (Note 7)
Noise Pulse Filtered at SCL
and SDA Inputs
50
50
50
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
4
4
4
ms
tPU (Notes 7, 8)
Power-up to Ready Mode
0.35
0.35
0.35
ms
6. Test conditions according to “A.C. Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
*VCC(min) = 1.6 V for Read operations, TA = −20°C to +85°C.
Table 7. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC for VCC ≥ 2.2 V
0.15 x VCC to 0.85 x VCC for VCC < 2.2 V
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.3 x VCC, 0.7 x VCC
Output Load
Current Source: IOL = 6 mA (VCC ≥ 2.2 V); IOL = 2 mA (VCC < 2.2 V); CL = 100 pF


Similar Part No. - N24C08UDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N24C08UDTG ONSEMI-N24C08UDTG Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
More results

Similar Description - N24C08UDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com