Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8177AMX150TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8177AMX150TCG
Description  Linear Voltage Regulator Fast Transient Response 500 mA with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177AMX150TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8177AMX150TCG Datasheet HTML 1Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 2Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 3Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 4Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 5Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 6Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 7Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 8Page - ON Semiconductor NCV8177AMX150TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCV8177
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.6 V (whichever is higher), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C
The specifications in bold are guaranteed at −40
°C ≤ TJ ≤ 125°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Input Voltage
VIN
1.6
5.5
V
Output Voltage
VOUT_NOM ≥ 1.8 V
TJ = +25°C
VOUT
−0.8
0.8
%
−40
°C ≤ TJ ≤ 125°C
−2.0
1.0
VOUT_NOM < 1.8 V
TJ = +25°C
−1.2
1.2
−40
°C ≤ TJ ≤ 125°C
−2.5
1.5
Line Regulation
VIN = VOUT−NOM + 0.5 V to 5.25 V
VIN ≥ 1.6 V
LineReg
0.02
0.15
%/V
Load Regulation
1 mA
≤ IOUT ≤ 500 mA
LoadReg
1
10
mV
Dropout Voltage (Note 4)
IOUT = 500 mA
1.4 V
≤ VOUT < 1.8 V
VDO
295
410
mV
1.8 V
≤ VOUT < 2.1 V
200
305
2.1 V
≤ VOUT < 2.5 V
160
260
2.5 V
≤ VOUT < 3.0 V
130
220
3.0 V
≤ VOUT < 3.6 V
110
190
Quiescent Current
IOUT = 0 mA
IQ
60
90
mA
Standby Current
VEN = 0 V
ISTBY
0.1
1.5
mA
Output Current Limit
VOUT = VOUT−NOM − 100 mV
IOUT
510
800
mA
Short Circuit Current
VOUT = 0 V
ISC
510
800
mA
EN Pin Threshold Voltage
EN Input Voltage “H”
VENH
1.0
V
EN Input Voltage “L”
VENL
0.4
Enable Input Current
VEN = VIN = 5.5 V
IEN
0.15
0.6
mA
Power Supply Rejection Ratio
f = 1 kHz, Ripple 0.2 Vp−p,
VIN = VOUT−NOM + 1.0 V, IOUT = 30 mA
(VOUT ≤ 2.0 V, VIN = 3.0 V)
PSRR
75
dB
Output Noise
f = 10 Hz to 100 kHz
54
mVRMS
Output Discharge Resistance
(NCV8177A option only)
VIN = 4.0 V, VEN = 0 V, VOUT = VOUT−NOM
RACTDIS
60
W
Thermal Shutdown Temperature
Temperature rising from 25
°C
TSD_TEMP
175
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD_TEMP
TSD_HYST
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Measured when the output voltage falls 3% below the nominal output voltage (the voltage measured under the condition VIN = VOUT−NOM
+ 0.5 V).


Similar Part No. - NCV8177AMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177AMX150TCG ONSEMI-NCV8177AMX150TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMX150TCG ONSEMI-NCV8177AMX150TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177AMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_V01 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com