Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABW-02S24 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # ABW-02S24
Description  AC/DC Power Module 2W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABW-02S24 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  ABW-02S24 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABW-02S24 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABW-02S24 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ABW-02 SERIES
AC/DC POWER MODULE 2W
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2016/06/02 REV:3 Page 3 of 3
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
NC
2
NC
3
+Vout
+Vout1
4
-Vout
Common
5
NP
+Vout2
6
AC(N)
7
AC(L)
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.01)
Pin diameter 0.8 ±0.1 (0.03±0.004)
Physical Characteristics
Case Size
: 34.2x28.4x14.8mm (1.35x1.12x0.58 inches)
Case Material
: Plastic resin (flammability to UL 94V-0 rated)
Pin Material
: Copper Alloy with Gold Plate Over Nickel Subplate
Weight
: 24g
1
2
3
4
5
6
7
21.00 [0.83]
28.4 [1.12]
Bottom View
3.2 [0.13]
14.8 [0.58]


Similar Part No. - ABW-02S24

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABW-02 MINMAX-ABW-02 Datasheet
409Kb / 3P
   Constant Power Mode
More results

Similar Description - ABW-02S24

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
   AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
   AC-DC Power Module
AFC25 ARCH-AFC25 Datasheet
182Kb / 2P
   AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com