Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8177BMX330TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8177BMX330TCG
Description  Linear Voltage Regulator Fast Transient Response 500 mA with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177BMX330TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8177BMX330TCG Datasheet HTML 2Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 3Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 4Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 5Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 6Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 7Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 8Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 9Page - ON Semiconductor NCV8177BMX330TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCV8177
www.onsemi.com
6
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.6 V (whichever is higher), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C
Figure 15. Ground Current vs. Output Current
Figure 16. Short Circuit Current vs.
Temperature
OUTPUT CURRENT (mA)
TEMPERATURE (
°C)
500
400
300
200
100
0
0
50
100
150
200
250
300
80
60
40
20
0
−20
−40
500
550
650
700
750
800
900
1000
Figure 17. Output Current Limit vs.
Temperature
Figure 18. Enable Threshold Voltage vs.
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
500
550
650
700
800
900
950
1000
80
60
40
20
0
−20
−40
0.4
0.5
0.6
0.7
0.9
0.8
1.0
Figure 19. Enable Input Current vs.
Temperature
Figure 20. Output Discharge Resistance vs.
Temperature (NCV8177A option only)
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
0
0.1
0.2
0.3
0.4
0.5
0.6
80
60
40
20
0
−20
−40
0
10
20
30
40
50
60
70
VOUT−NOM = 1.8 V
TJ = 125°C
TJ = 25°C
TJ = −40°C
VOUT−FORCED = 0 V
600
850
950
VOUT−NOM = 0.7 V
1.4 V
3.3 V
1.8 V
VOUT−FORCED = VOUT−NOM − 0.1 V
VOUT−NOM = 0.7 V
1.4 V
3.3 V
1.8 V
600
750
850
VOUT−NOM = 1.8 V
OFF −> ON
ON −> OFF
VOUT−NOM = 1.8 V
VIN = 5.5 V
VEN = 5.5 V
VOUT−NOM = 1.8 V
VIN = 4 V
VEN = 0 V
VOUT−FORCED = VOUT−NOM
100
120
100
120
100
120
100
120
80
100
120


Similar Part No. - NCV8177BMX330TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177BMX330TCG ONSEMI-NCV8177BMX330TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177BMX330TCG ONSEMI-NCV8177BMX330TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177BMX330TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_V01 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com