Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA01 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MA01
Description  DC/DC CONVERTER 1W, SIP-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MA01 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MA01_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MA01 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6
Page 3 of 4
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
T=6.1(0.24) for 5V & 12V Input Models
T=7.1(0.28) for 24V Input Models
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Characteristics
Case Size (5&12V Input)
:
19.5x6.1x10.2mm (0.77x0.24x0.40 inches)
Case Size (24V Input)
:
19.5x7.1x10.2mm (0.77x0.28x0.40 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Alloy 42
Weight (5&12V Input)
:
2.2g
Weight (24V Input)
:
2.6g
19.5 [0.77]
0.50
[0.02]
18.5 [0.73]
0.5
[0.02]
2.54
[0.10]
2X2.54
[2X0.10]
5.08
[0.20]
1
2
4
5
6
Bottom View
2.4
[0.09]


Similar Part No. - MA01_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MA01-12D05 MINMAX-MA01-12D05 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
logo
Total Power Internation...
MA01-12D05 TOTAL-POWER-MA01-12D05 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
logo
Minmax Technology Co., ...
MA01-12D09 MINMAX-MA01-12D09 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
logo
Total Power Internation...
MA01-12D09 TOTAL-POWER-MA01-12D09 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
logo
Minmax Technology Co., ...
MA01-12D12 MINMAX-MA01-12D12 Datasheet
762Kb / 4P
   DC/DC CONVERTER 1W Standard SIP-7 Package Semi-regulated Output Voltage
More results

Similar Description - MA01_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com