Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37321D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37321D
Description  SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC37321D Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC37321D Datasheet HTML 4Page - Texas Instruments UCC37321D Datasheet HTML 5Page - Texas Instruments UCC37321D Datasheet HTML 6Page - Texas Instruments UCC37321D Datasheet HTML 7Page - Texas Instruments UCC37321D Datasheet HTML 8Page - Texas Instruments UCC37321D Datasheet HTML 9Page - Texas Instruments UCC37321D Datasheet HTML 10Page - Texas Instruments UCC37321D Datasheet HTML 11Page - Texas Instruments UCC37321D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504C − SEPTEMBER 2002 − REVISED NOVEMBER 2004
8
www.ti.com
APPLICATION INFORMATION
The circuit in Figure 4 is utilized to test the current source capability with the output clamped to around 5 V with
a string of Zener diodes. The UCC37321 is found to source 9 A at VDD = 15 V.
UDG−01114
UCC37321
ENBL
1
2
3
4
IN
7
6
5
8
OUT
OUT
INPUT
VDD
VDD
VDD
RSNS
0.1
VSNS
100
µF
AL EL
1
µF
CER
C2
1
µF
C3
100
µF
4.5 V
DADJ
DSCHOTTKY
AGND
PGND
Figure 4. Source Current Test Circuit
It should be noted that the current sink capability is slightly stronger than the current source capability at lower
VDD. This is due to the differences in the structure of the bipolar-MOSFET power output section, where the
current source is a P-channel MOSFET and the current sink has an N-channel MOSFET.
In a large majority of applications it is advantageous that the turn-off capability of a driver is stronger than the
turn-on capability. This helps to ensure that the MOSFET is held OFF during common power supply transients
which may turn the device back ON.
operational circuit layout
It can be a significant challenge to avoid the overshoot/undershoot and ringing issues that can arise from circuit
layout. The low impedance of these drivers and their high di/dt can induce ringing between parasitic inductances
and capacitances in the circuit. Utmost care must be used in the circuit layout.
In general, position the driver physically as close to its load as possible. Place a 1-
µF bypass capacitor as close
to the output side of the driver as possible, connecting it to pins 1 and 8. Connect a single trace between the
two VDD pins (pin 1 and pin 8); connect a single trace between PGND and AGND (pin 5 and pin 4). If a ground
plane is used, it may be connected to AGND; do not extend the plane beneath the output side of the package
(pins 5 − 8). Connect the load to both OUT pins (pins 7 and 6) with a single trace on the adjacent layer to the
component layer; route the return current path for the output on the component side, directly over the output
path.
Extreme conditions may require decoupling the input power and ground connections from the output power and
ground connections. The UCCx7321/2 has a feature that allows the user to take these extreme measures, if
necessary. There is a small amount of internal impedance of about 15
Ω between the AGND and PGND pins;
there is also a small amount of impedance (
∼30 Ω) between the two VDD pins. In order to take advantage of
this feature, connect a 1-
µF bypass capacitor between VDD and PGND (pins 5 and 8) and connect a 0.1-µF
bypass capacitor between VDD and AGND (pins 1 and 4). Further decoupling can be achieved by connecting
between the two VDD pins with a jumper that passes through a 40-MHz ferrite bead and connect bias power
only to pin 8. Even more decoupling can be achieved by connecting between AGND and PGND with a pair of
anti-parallel diodes (anode connected to cathode and cathode connected to anode).


Similar Part No. - UCC37321D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321D TI-UCC37321D Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321D TI1-UCC37321D Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC37321D TI1-UCC37321D Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC37321DG4 TI-UCC37321DG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321DG4 TI1-UCC37321DG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37321D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com