Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGWI06-24S12 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MGWI06-24S12
Description  DC/DC CONVERTER 6W, DIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MGWI06-24S12 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MGWI06-24S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MGWI06-24S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MGWI06-24S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MGWI06-24S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MGWI06 SERIES
DC/DC CONVERTER 6W, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:10 Page 2 of 4
®
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 50VDC or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vin-RC=5V
---
---
500
μA
Control Input Current (off)
Vin-RC=0V
---
---
-500
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±1.0
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
---
%
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.5
±1.0
%
Load Regulation
Io=15% to 100%
---
±0.5
±1.2
%
Ripple & Noise
0-20 MHz Bandwidth
---
60
100
mV P-P
Transient Recovery Time
25% Load Step Change
---
300
600
μsec
Transient Response Deviation
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
150
---
%
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Seconds
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1200
1500
pF
Switching Frequency
---
330
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
350,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural convection
Lead Temperature
(1.5mm from case for 10Sec.)
---
260
Power Derating Curve


Similar Part No. - MGWI06-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MGWI06-24S12 MINMAX-MGWI06-24S12 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
logo
Total Power Internation...
MGWI06-24S12 TOTAL-POWER-MGWI06-24S12 Datasheet
459Kb / 4P
   Ultra compact DIP Package
More results

Similar Description - MGWI06-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com