Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW50 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MKW50
Description  DC/DC CONVERTER 50W, Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW50 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

Back Button MKW50_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MKW50_15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MKW50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/16 REV:15 Page 7 of 10
®
Heatsink (Option –HS)
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Black Anodized Coating
Weight
:
9g
The advantages of adding a heatsink are:
1. To improve heat dissipation and increase the stability and
reliability of the DC/DC converters at high operating
temperatures.
2. To increase operating temperature of the DC/DC converter,
please refer to Derating Curve.
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max


Similar Part No. - MKW50_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50-12S033 MINMAX-MKW50-12S033 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
logo
Total Power Internation...
MKW50-12S033 TOTAL-POWER-MKW50-12S033 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKW50-12S05 MINMAX-MKW50-12S05 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
logo
Total Power Internation...
MKW50-12S05 TOTAL-POWER-MKW50-12S05 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKW50-12S12 MINMAX-MKW50-12S12 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
More results

Similar Description - MKW50_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com