Electronic Components Datasheet Search |
|
MKW5030 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd. |
|
MKW5030 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd. |
6 / 6 page MKW5000 SERIES DC/DC CONVERTER 30W 18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan Tel: 886-6-2923150 Fax: 886-6-2923149 E-mail: sales@minmax.com.tw 2016/06/27 REV:6 Page 6 of 6 ® Minmax Technology Co., Ltd. Input Source Impedance The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz) capacitor of a 33μF for the 12V input devices and a 10μF for the 24V and 48V devices. . + +Out -Out +Vin -Vin DC / DC Converter Load DC Power Source + - Cin Output Ripple Reduction A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 4.7μF capacitors at the output. +Out -Out +Vin -Vin Load DC Power Source + - Cout Single Output DC / DC Converter +Out -Out +Vin -Vin Load DC Power Source + - Cout Com. Dual Output DC / DC Converter Load Cout Maximum Capacitive Load The MKW5000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 680μF maximum capacitive load for 12V & 15V outputs and 6800μF capacitive load for the other outputs. The maximum capacitance can be found in the data sheet. Thermal Considerations Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 105℃. The derating curves are determined from measurements obtained in a test setup. DUT Position of air velocity probe and thermocouple 50mm / 2in Air Flow 15mm / 0.6in |
Similar Part No. - MKW5030 |
|
Similar Description - MKW5030 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |