Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CR581MTD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR581MTD
Description  LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR581MTD Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS90CR581MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 9Page - National Semiconductor (TI) DS90CR581MTD Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AC Timing Diagrams (Continued)
DS90CR581 Pin Description — FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
28
TTL Level input. This includes: 8 Red, 8 Green, 8 Blue, and 4 control lines (FPLINE,
FPFRAME, DRDY, CNTL). (Also referred to as HSYNC, VSYNC and DATA ENABLE)
TxOUT+
O
4
Positive LVDS differential data output
TxOUT−
O
4
Negative LVDS differential data output
FPSHIFT IN
I
1
TTL level clock input. The rising edge acts as data strobe.
TxCLK OUT+
O
1
Positive LVDS differential clock output
TxCLK OUT−
O
1
Negative LVDS differential clock output
PWR DOWN
I
1
TTL level input. Assertion (low input) TRI-STATES the outputs, ensuring low current at power
down.
V
CC
I
4
Power supply pins for TTL inputs
GND
I
5
Ground pins for TTL inputs
PLL V
CC
I
1
Power supply pin for PLL
PLL GND
I
2
Ground pins for PLL
LVDS V
CC
I
1
Power supply pin for LVDS outputs
LVDS GND
I
3
Ground pins for LVDS outputs
DS012487-27
FIGURE 11. Transmitter LVDS Output Pulse Position Measurement
www.national.com
8


Similar Part No. - DS90CR581MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR583 NSC-DS90CR583 Datasheet
318Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
logo
National Semiconductor ...
DS90CR583MTD NSC-DS90CR583MTD Datasheet
318Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CR584 TI1-DS90CR584 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
More results

Similar Description - DS90CR581MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
logo
National Semiconductor ...
DS90CR583 NSC-DS90CR583 Datasheet
318Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
logo
Texas Instruments
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com