Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27424P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424P
Description  DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27424P Datasheet(HTML) 3 Page - Texas Instruments

  UCC27424P Datasheet HTML 1Page - Texas Instruments UCC27424P Datasheet HTML 2Page - Texas Instruments UCC27424P Datasheet HTML 3Page - Texas Instruments UCC27424P Datasheet HTML 4Page - Texas Instruments UCC27424P Datasheet HTML 5Page - Texas Instruments UCC27424P Datasheet HTML 6Page - Texas Instruments UCC27424P Datasheet HTML 7Page - Texas Instruments UCC27424P Datasheet HTML 8Page - Texas Instruments UCC27424P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UCC27423, UCC27424, UCC27425
SLUS545B − NOVEMBER 2002 − REVISED NOVEMBER 2004
3
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Supply voltage, VDD
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (OUTA, OUTB) DC, IOUT_DC
0.3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed, (0.5
µs), IOUT_PULSED
4.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (INA, INB), VIN
−5 V to 6 V or VDD+0.3 (whichever is larger)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable voltage (ENBA, ENBB)
−0.3 V to 6 V or VDD+0.3 (whichever is larger)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 25°C (DGN package)
3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(D package)
650 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(P package)
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction operating temperature, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec.),
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
ELECTRICAL CHARACTERISTICS
VDD = 4.5 V to 15 V, TA = −40°C to 105°C,TA = TJ, (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Input (INA, INB)
VIN_H, logic 1 input threshold
2
V
VIN_L, logic 0 input threshold
1
V
Input current
0 V <= VIN <= VDD
−10
0
10
µA
Output (OUTA, OUTB)
Output current
VDD = 14 V,
See Note 1,
See Note 2
4
A
VOH, high-level output voltage
VOH = VDD – VOUT,IOUT = −10 mA
330
450
mV
VOL, low-level output level
IOUT = 10 mA
22
40
mV
Output resistance high
TA = 25°C,
IOUT = −10 mA,
VDD = 14 V,
See Note 3
25
30
35
TA = full range,
IOUT = −10 mA,
VDD = 14 V,
See Note 3
18
45
Output resistance low
TA = 25°C,
IOUT = 10 mA,
VDD = 14 V,
See Note 3
1.9
2.2
2.5
TA = full range
IOUT = 10 mA,
VDD = 14 V,
See Note 3
1.2
4.0
Latch-up protection
See Note 1
500
mA
NOTES:
1. Ensured by design. Not tested in production.
2. The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The pulsed output current rating is the
combined current from the bipolar and MOSFET transistors.
3. The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the RDS(ON) of
the MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.


Similar Part No. - UCC27424P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424P TI1-UCC27424P Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424P TI1-UCC27424P Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424P TI1-UCC27424P Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27424PE4 TI1-UCC27424PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424PE4 TI1-UCC27424PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27424P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com