Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU423 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MSAU423
Description  DC/DC CONVERTER 2W, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU423 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MSAU423 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MSAU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150 Fax: 886-6-2923149 E-mail: sales@minmax.com.tw
2015/07/31 REV:9 Page 4 of 4
Minmax Technology Co., Ltd.
Test Setup
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100 KHz) to simulate source impedance. Capacitor Cin, offsets
possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33μF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between
50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Technical Notes
Maximum Capacitive Load
The MSAU400 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up,
affecting the ramp-up and the startup time. The maximum capacitance can be found in the data sheet.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In
applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is comended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at
100 KHz) capacitor of a 2.2μF for the 5V input devices, a 1.0μF for the 12V input devices and a 0.47μF for the 24V devices.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 1.5μF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 90
℃. The derating curves are determined from
measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MSAU423

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU423 MINMAX-MSAU423 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU423 MINMAX-MSAU423 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU423 TOTAL-POWER-MSAU423 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU423

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Delta Electronics, Inc.
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com