Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT6264CPC-70LL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UT6264CPC-70LL
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT6264CPC-70LL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UT6264CPC-70LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT6264CPC-70LL Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UTRON
UT6264C
Rev. 1.1
8K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80028
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
9
ORDERING INFORMATION
PART NO.
ACCESS TIME
(ns)
STANDBY CURRENT
(µA) (TYP.)
PACKAGE
UT6264CPC-35
35
2mA
28 PIN PDIP
UT6264CPC-35L
35
2µA
28 PIN PDIP
UT6264CPC-35LL
35
1µA
28 PIN PDIP
UT6264CPC-70
70
2mA
28 PIN PDIP
UT6264CPC-70L
70
2µA
28 PIN PDIP
UT6264CPC-70LL
70
1µA
28 PIN PDIP
UT6264CSC-35
35
2mA
28 PIN SOP
UT6264CSC-35L
35
2µA
28 PIN SOP
UT6264CSC-35LL
35
1µA
28 PIN SOP
UT6264CSC-70
70
2mA
28 PIN SOP
UT6264CSC-70L
70
2µA
28 PIN SOP
UT6264CSC-70LL
70
1µA
28 PIN SOP


Similar Part No. - UT6264CPC-70LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70 ETC-UT6264BPC-70 Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70L ETC-UT6264BPC-70L Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
UT6264BPC-70LL ETC-UT6264BPC-70LL Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
UT6264BSC-35 ETC-UT6264BSC-35 Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT6264CPC-70LL

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com