Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN2P18 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GN2P18
Description  Surface Mount Glass Passivated Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GN2P18 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GN2P18 Datasheet HTML 1Page - GOOD-ARK Electronics GN2P18 Datasheet HTML 2Page - GOOD-ARK Electronics GN2P18 Datasheet HTML 3Page - GOOD-ARK Electronics GN2P18 Datasheet HTML 4Page - GOOD-ARK Electronics GN2P18 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GN2P16 thru GN2P20
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 1600~2000V Forward Current 2A
Features
• Ideal for automated placement
• Glass passivated Standard rectifiers
• High reverse voltage
• High forward surge capability
• Moisture sensitivity: level 1, per J-STD-020
Typical Applications
• For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
Mechanical Data
• Case:DO-214AC, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
• Terminal:Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
• Polarity:Indicated by cathode band
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
VF
Volts
@Ta=25℃
@Ta=125℃
CJ
pF
RθJA
℃/W
TJ,
TSTG
°C
Notes:1.Measured at 1.0MHz and applied reverse voltage of 4.0 D.C.
2.Thermal resistance from junction to ambient, 5.0×5.0mm copper pads to each terminal
uA
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50.0
Maximum forward voltage at IF=2.0Amps
1.1
5.0
A
2s
Typical thermal resistance(Note2)
TBD
Operating junction and storage temperature
range
- 55 to + 150
Typical junction capacitance(Note1)
10.0
10.4
Rating for fusing (t≤8.3ms,single half sine-
wave)
Rating for fusing (t≤5ms,single square wave)
7.6
I
2t
Maximum DC reverse
current at rated DC blocking
voltage
IR
50.0
Maximum DC blocking voltage
1600
1800
2000
Maximum average forward rectified current
2.0
Maximum repetitive peak reverse voltage
1600
1800
2000
Maximum RMS voltage
1120
1260
1400
Maximum Ratings and Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
GN2P16
GN2P18
GN2P20
Unit
DO-214AC(SMA)
www.goodark.com
1/5
2016.08-Rev.A


Similar Part No. - GN2P18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN20 ETC1-GN20 Datasheet
132Kb / 4P
   GN Package XX-Lead Plastic SSOP (Narrow .150 Inch)
logo
GUANGDONG MISUN TECHNOL...
GN2012F-102Z FPE-GN2012F-102Z Datasheet
480Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-161Z FPE-GN2012F-161Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-181Z FPE-GN2012F-181Z Datasheet
481Kb / 1P
   Common Mode Filter
More results

Similar Description - GN2P18

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com