Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BC848
Description  SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC848 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BC848 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC848 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC848 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS.
Dynamic
Group VI
Characteristics
Group A
Group B
Group C
hie
Min
Typ
Max
0.4
1.2
2.2
0.4
1.2
2.2
0.4
1.2
2.2
–
–
–
–
–
–
kΩ
kΩ
kΩ
VCE=5V
Ic=2mA
Min
Typ
Max
1.6
2.7
4.5
1.6
2.7
4.5
1.6
2.7
4.5
–
–
–
–
–
–
kΩ
kΩ
kΩ
Min
Typ
Max
3.2
4.5
8.5
kΩ
kΩ
kΩ
Min
Typ
Max
–
–
–
–
–
–
6
8.7
15
6
8.7
15
6
8.7
15
kΩ
kΩ
kΩ
Group VI
Group A
Group B
Group C
hre
Typ
Typ
Typ
Typ
2.5
1.5
2
–
2.5
1.5
2
–
2.5
1.5
2
3
–
–
2
3
–
–
2
3
x10-4
x10-4
x10-4
x10-4
Group VI
Group A
Group B
Group C
hfe
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
Min
Typ
Max
125
220
260
125
220
260
125
220
260
–
–
–
–
–
–
Min
Typ
Max
240
330
500
Min
Typ
Max
–
–
–
450
600
900
450
600
900
450
600
900
450
600
900
Group VI
hoe
Typ
Max
20
40
20
40
20
40
–
–
–
–
µ
s
µ
s
Group A
Typ
Max
18
30
18
30
18
30
–
–
–
–
µ
s
µ
s
Group B
Typ
Max
30
60
µ
s
µ
s
Group C
Typ
Max
–
–
–
–
60
110
60
110
60
110
µ
s
µ
s
BC846
BC847
BC848
BC849
BC850
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS.
Static
Group VI
Forward
Current Ratio
hFE
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
IC=2mA, VCE=5V
Group A
hFE
Typ 90
9090–
–
IC=0.01mA, VCE=5V
Min
Typ
Max
110
180
220
110
180
220
110
180
220
–
–
–
–
–
–
IC=2mA, VCE=5V
Typ 120
120
120
–
–
IC=100mA, VCE=5V
Group B
hFE
Typ
150
IC=0.01mA, VCE=5V
Min
Typ
Max
200
290
450
IC=2mA, VCE=5V
Typ 200
200
200
–
–
IC=100mA, VCE=5V
Group C
hFE
Typ. –
270
270
270
270
IC=0.01mA, VCE=5V
Min
Typ
Max
–
–
–
420
500
800
420
500
800
420
500
800
420
500
800
IC=2mA, VCE=5V
Typ –
–
400
–
–
IC=100mA, VCE=5V
Transition Frequency
fT
Typ
300
MHz IC=10mA, VCE=5V
f=100MHz
Collector-Base
Capacitance
Cobo
Typ
Max
2.5
4.5
pF
pF
VCB=10V f=1MHz
Emitter-Base
Capacitance
Cib0
Typ
9
pF
VEB=0.5V f=1MHz
Noise Figure
N
Typ
Max
2
10
2
10
2
10
1.2
4
1
4
dB
dB
VCE= 5V, IC=200µA,
RG=2kΩ, f=1kHz,
f=200Hz
Typ
Max
–
–
–
–
–
–
1.2
4
1
3
dB
dB
VCE= 5V, IC=200µA,
RG=2kΩ, f=30Hz to
15kHz at -3dB
points
Equivalent Noise
Voltage
en
Max. –
–
–
110
110
nV
VCE= 5V, IC=200µA,
RG=2kΩ, f=10Hz to
50Hz at -3dB
points
BC846
BC847
BC848
BC849
BC850
Spice parameter data is available upon request for this device


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Diotec Semiconductor
BC848 DIOTEC-BC848 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
48Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT4400 ZETEX-FMMT4400 Datasheet
30Kb / 2P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
List of Unclassifed Man...
BC856 ETC-BC856 Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com