Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2TVS45A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # L2TVS45A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2TVS45A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  L2TVS45A Datasheet HTML 1Page - GOOD-ARK Electronics L2TVS45A Datasheet HTML 2Page - GOOD-ARK Electronics L2TVS45A Datasheet HTML 3Page - GOOD-ARK Electronics L2TVS45A Datasheet HTML 4Page - GOOD-ARK Electronics L2TVS45A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L2TVS10.0A thru L2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
www.goodark.com
1/5
2014.04-Rev.A
Features
• Glass passivated junction
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C10 s
Solder dip 260 C, 10 s
• Low profile, typical thickness 1.0mm
• Polarity:Uni-directional
• Excellent clamping capability and Fast response time
• 200W peak pulse power capability with a 10/1000us waveform
Typical Applications
eSGB (SMAF)
yp
pp
Use in sensitive electronics protection against voltage transients induced by inductive load
switching and lighting on Ics,MOSFET,signal lines of sensor units for consumer, computer,
industrial and telecommunication
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a
10/1000us waveform
PPPM
1)
Minimum 200
W
Peak pulse current with a
10/1000us waveform
A
See Next Table
IPPM
1)
10/1000us waveform
Thermal resistance junction to
W
V
A
℃/W
0.5
30.0
3.5
80
PM(AV)
2)
IFSM
VF
Rthja
Maximum instantaneous forward
voltage at 25A
Steady state power dissipation on
infinite heatsink
Peak forward surge current,8.3ms
single half sine-wave uni-
Notes:
1) Non-repetitive current,per fig.3 and derated above TA=25℃ per fig.4.
2) Power dissipation mounted on recommended pad layout
3) Thermal resistance from junction to ambient mounted on PCB with 8 0×8 0mm copper pads
Thermal resistance junction to
ambient air
℃/W
-65 to +150
Operating junction and storage
temperature range
80
Rthja
TJ, TSTG
3) Thermal resistance from junction to ambient,mounted on PCB with 8.0×8.0mm copper pads
www.goodark.com
1/5
2014.04-Rev.A


Similar Part No. - L2TVS45A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
More results

Similar Description - L2TVS45A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com