Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

129XR0281010 Datasheet(PDF) 1 Page - ETRI

Part # 129XR0281010
Description  AC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

129XR0281010 Datasheet(HTML) 1 Page - ETRI

  129XR0281010 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
AC Motor
Electrical protection: impedance protected
Housing material: zamak
Impeller material: plastic UL 94 V0
Maximum weight: 725 g
Bearing system: ball bearings
Connection: terminals
Single phase
IP 20
Available with:
- Flying leads
- IP 54
- Speed sensor
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
R
129XL
129LG
129XR
Additional versions:
Other voltages
Salt spray protected - shock and vibration protected - marine specifications
Part Number
Nominal
voltage
Airflow
Nominal
speed
Noise
level
Input Power
Nominal current
Operating temperature
V
l/s
dB(A)
RPM
Hz
W
mA
mA
Min.°C
Max.°C
129XL0282010
115
21,5
31,0
1350
50
12
135
145
-10
70
24,5
33,5
1550
60
10
115
125
-10
70
129XL0281010
208-240
21,5
31,0
1350
50
12
75
90
-10
70
24,5
33,5
1550
60
10
65
75
-10
70
129LG0282010
115
34,0
44,5
2200
50
16
200
250
-10
70
39,0
47,5
2400
60
13
160
200
-10
70
129LG0281010
220
34,0
44,5
2200
50
18
110
140
-10
70
39,0
47,5
2400
60
15
90
120
-10
70
129XR0282010
115
45,0
49,0
2800
50
16
200
310
-10
70
52,0
54,0
3200
60
15
180
260
-10
70
129XR0281010
220
45,0
49,0
2800
50
18
125
170
-10
70
52,0
54,0
3200
60
15
105
150
-10
70
Frequency
Starting current
129
Series
120x120x38mm
4,724’’ x
’’
4,724’’ x 1,496


Similar Part No. - 129XR0281010

ManufacturerPart #DatasheetDescription
logo
ETRI
129XR0281010 ETRI-129XR0281010 Datasheet
236Kb / 1P
   AC Axial Fans
129XR0281010 ETRI-129XR0281010 Datasheet
180Kb / 1P
   AC Axial Fans
More results

Similar Description - 129XR0281010

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com