Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ948-AT-5D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ948-AT-5D
Description  16 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ948-AT-5D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ948-AT-5D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ948-AT-5D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at rated load
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1500 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms contact to contact
Insulation
100 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
100 V coil
≥ 6 VDC
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F) 3-48 V coils
-40°C (-48°F) to 60°C (140°F) 100 V coil
Storage
-40°C (-40°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
2000-01-03
AZ948
CONTACTS
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Standard
Max. switched power: 300 W, 2500 VA
Max. switched current: 10 A
Max. switched voltage: 250 VAC/125 VDC
Heavy Duty
Max. switched power: 480 W, 4000 VA
Max. switched current: 16 A
Max. switched voltage: 250 VAC/125 VDC*
*Note: If switching voltage is greater than 30VDC,
special precautions must be taken. Please contact
the factory.
Rated Load
UL
Standard: 10 A at 30 VDC/250 VAC
Heavy Duty: 10 A at 30 VDC
16 A at 250 VAC
Min. Load
5 VDC, 0.1 A
Material
Silver alloy
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
16 AMP LOW PROFILE
POWER RELAY
FEATURES
• High power switching (4000 VA)
• High sensitivity, 128 mW pickup
• Low profile (less than .5" height)
• SPST (1 Form A)
• Epoxy sealed version available
• DC coils up to 100 VDC
• UL file E44211; CSA file LR 702514
COIL
Power
At Pickup Voltage
200 mW
(typical)
Max. Continuous
1.8 W at 20°C (68°F)
Dissipation
1.3 W at 40°C (104°F)
Temperature Rise
16°C (29°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ948-AT-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ948-1AET-100D AZETTLER-AZ948-1AET-100D Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948-1AET-100D ZETTLER-AZ948-1AET-100D Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948-1AET-100DE AZETTLER-AZ948-1AET-100DE Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ948-1AET-12D AZETTLER-AZ948-1AET-12D Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948-1AET-12D ZETTLER-AZ948-1AET-12D Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ948-AT-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com