Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CR584MTD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR584MTD
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link??5 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR584MTD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90CR584MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 9Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 10Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 11Page - National Semiconductor (TI) DS90CR584MTD Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AC Timing Diagrams (Continued)
DS90CR583 Pin Descriptions — FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
28
TTL level input. This includes: 8 Red, 8 Green, 8 Blue, and 4 control lines — FPLINE,
FPFRAME, DRDY and CNTL (also referred to as HSYNC, VSYNC, Data Enable, CNTL)
TxOUT+
O
4
Positive LVDS differential data output
TxOUT−
O
4
Negative LVDS differential data output
FPSHIFT IN
I
1
TTL level clock input. The falling edge acts as data strobe
TxCLK OUT+
O
1
Positive LVDS differential clock output
TxCLK OUT−
O
1
Negative LVDS differential clock output
PWR DOWN
I
1
TTL level input. Assertion (low input) TRI-STATES the outputs, ensuring low current at power
down
V
CC
I
4
Power supply pins for TTL inputs
DS012618-19
FIGURE 16. Parallel TTL Data Inputs Mapped to LVDS Outputs (DS90CR583)
DS012618-20
FIGURE 17. Receiver Powerdown Delay
DS012618-21
FIGURE 18. Transmitter Powerdown Delay
www.national.com
10


Similar Part No. - DS90CR584MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR584 TI1-DS90CR584 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
More results

Similar Description - DS90CR584MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
[Old version datasheet]   LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
National Semiconductor ...
DS90CR581 NSC-DS90CR581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
[Old version datasheet]   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF383 NSC-DS90CF383 Datasheet
217Kb / 9P
   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com