Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV001TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV001TM
Description  3.3V LVDS-LVDS Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV001TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV001TM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 8Page - National Semiconductor (TI) DS90LV001TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS90LV001
3.3V LVDS-LVDS Buffer
General Description
The DS90LV001 LVDS-LVDS Buffer takes an LVDS input
signal and provides an LVDS output signal. In many large
systems, signals are distributed across backplanes, and one
of the limiting factors for system speed is the ’stub length’ or
the distance between the transmission line and the untermi-
nated receivers on individual cards. Although it is generally
recognized that this distance should be as short as possible
to maximize system performance, real-world packaging con-
cerns often make it difficult to make the stubs as short as the
designer would like.
The DS90LV001, available in the LLP (Leadless Leadframe
Package) package, will allow the receiver to be placed very
close to the main transmission line, thus improving system
performance.
A wide input dynamic range will allow the DS90LV001 to
receive differential signals from LVPECL as well as LVDS
sources. This will allow the device to also fill the role of an
LVPECL-LVDS translator.
An output enable pin is provided, which allows the user to
place the LVDS output in TRI-STATE.
The DS90LV001 is offered in two package options, an 8 pin
LLP and SOIC.
Features
n
Single +3.3 V Supply
n
LVDS receiver inputs accept LVPECL signals
n
TRI-STATE outputs
n
Receiver input threshold < ±100 mV
n
Fast propagation delay of 1.4 ns (typ)
n
Low jitter 800 Mbps fully differential data path
n
100 ps (typ) of pk-pk jitter with PRBS = 2
23−1 data
pattern at 800 Mbps
n
Compatible with ANSI/TIA/EIA-644-A LVDS standard
n
8 pin SOIC and space saving (70%) LLP package
n
Industrial Temperature Range
Connection Diagram
Block Diagram
Top View
DS101338-5
Order Number DS90LV001TM, DS90LV001TLD
See NS Package Number M08A, LDA08A
DS101338-2
April 2001
© 2001 National Semiconductor Corporation
DS101338
www.national.com


Similar Part No. - DS90LV001TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001TM NSC-DS90LV001TM Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001TM TI1-DS90LV001TM Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV001 800 Mbps LVDS Buffer
DS90LV001TM TI1-DS90LV001TM Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
DS90LV001TM/NOPB TI1-DS90LV001TM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV001 800 Mbps LVDS Buffer
More results

Similar Description - DS90LV001TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92001 NSC-DS92001_06 Datasheet
642Kb / 12P
   3.3V B/LVDS-BLVDS Buffer
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
   3.3V B/LVDS-BLVDS Buffer
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
[Old version datasheet]   DS92001 3.3V B/LVDS-BLVDS Buffer
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
   3.3V LVDS Oscillator
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
   3.3V LVDS Oscillator
GXOL71 GOLLEDGE-GXOL71 Datasheet
61Kb / 1P
   3.3V LVDS Oscillator
logo
Kyocera Kinseki Corpota...
KC5032P-L3 KSS-KC5032P-L3 Datasheet
165Kb / 1P
   LVDS/ 3.3V/ 5.0횞3.2mm
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
   267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com