Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20P15-160D Datasheet(PDF) 3 Page - Analog Power

Part # AM20P15-160D
Description  P-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20P15-160D Datasheet(HTML) 3 Page - Analog Power

  AM20P15-160D Datasheet HTML 1Page - Analog Power AM20P15-160D Datasheet HTML 2Page - Analog Power AM20P15-160D Datasheet HTML 3Page - Analog Power AM20P15-160D Datasheet HTML 4Page - Analog Power AM20P15-160D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM20P15-160D
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.1
0.2
0.3
0
10
20
30
ID-Drain Current (A)
5V
5.5V,6V,8V,10V
4.5V
0
10
20
30
0
1
2
3
4
5
6
7
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,5.5V
4.5V
5V
0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
5
10
15
20
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = -11.6A
© Preliminary
3
Publication Order Number:
DS_AM20P15-160D_1A


Similar Part No. - AM20P15-160D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM20P15-295D ANALOGPOWER-AM20P15-295D Datasheet
404Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM20P15-160D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com