Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8N60P Datasheet(PDF) 2 Page - Analog Power

Part # AM8N60P
Description  N-Channel 600-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM8N60P Datasheet(HTML) 2 Page - Analog Power

  AM8N60P Datasheet HTML 1Page - Analog Power AM8N60P Datasheet HTML 2Page - Analog Power AM8N60P Datasheet HTML 3Page - Analog Power AM8N60P Datasheet HTML 4Page - Analog Power AM8N60P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM8N60P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 480 V, VGS = 0 V
1
VDS = 480 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
15
A
Drain-Source On-Resistance
a
rDS(on)
VGS = 10 V, ID = 4 A
1
Ω
Forward Transconductance
a
gfs
VDS = 15 V, ID = 4 A
27
S
Diode Forward Voltage
a
VSD
IS = 4 A, VGS = 0 V
0.72
V
Total Gate Charge
Qg
36
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
8.6
Turn-On Delay Time
td(on)
18
Rise Time
tr
7
Turn-Off Delay Time
td(off)
35
Fall Time
tf
8
Input Capacitance
Ciss
1828
Output Capacitance
Coss
141
Reverse Transfer Capacitance
Crss
37
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
nC
VDS = 300 V, RL = 40 Ω,
ID = 4 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 300 V, VGS = 10 V,
ID = 4 A
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
b
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number:
DS_AM8N60P_1A


Similar Part No. - AM8N60P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM8N20-600D ANALOGPOWER-AM8N20-600D Datasheet
344Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM8N20-600D DOINGTER-AM8N20-600D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N80P ANALOGPOWER-AM8N80P Datasheet
195Kb / 5P
   N-Channel 800-V (D-S) MOSFET
More results

Similar Description - AM8N60P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM2N60B ANALOGPOWER-AM2N60B Datasheet
327Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
   N-Channel 600-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
2SK3916-01 VBSEMI-2SK3916-01 Datasheet
1Mb / 9P
   N-Channel 600-V (D-S) Power MOSFET
VBM16R08 VBSEMI-VBM16R08 Datasheet
755Kb / 9P
   N-Channel 600 V (D-S) Power MOSFET
KF7N60P VBSEMI-KF7N60P Datasheet
1Mb / 9P
   N-Channel 600 V (D-S)Power MOSFET
VBE17R06 VBSEMI-VBE17R06 Datasheet
678Kb / 8P
   N-Channel 600-V (D-S) Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com