Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY26 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BDY26
Description  NPN SILICON TRANSISTORS DIFFUSED MESA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDY26 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BDY26 Datasheet HTML 1Page - List of Unclassifed Manufacturers BDY26 Datasheet HTML 2Page - List of Unclassifed Manufacturers BDY26 Datasheet HTML 3Page - List of Unclassifed Manufacturers BDY26 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMSET SEMICONDUCTORS
2/4
BDY26, 183 T2
BDY27, 184 T2
BDY28, 185 T2
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
2°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDY26, 183T2
180
-
-
BDY27, 184T2
200
-
-
BDY28A, 185T2A
250
-
-
BDY28B, 185T2B
250
-
-
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=50 mA, IB=0
BDY28C, 185T2C
220
-
-
V
BDY26, 183T2
300
-
-
BDY27, 184T2
400
-
-
V(BR)CBO
Collector-Base Breakdown
Voltage (*)
IC=3 mA
BDY28, 185T2
500
-
-
V
VCE=180 V
BDY26
--
VCE=200 V
BDY27
--
ICEO
Collector-Emitter Cutoff
Current
VCE=250 V
BDY28
--
1.0
mA
IEBO
Emitter-Base Cutoff Current VEB=10 V
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
--
1.0
mA
VCE=250 V
VBE=0 V
BDY26, 183T2
--
VCE=300 V
VBE=0 V
BDY27, 184T2
--
ICES
Collector-Emitter Cutoff
Current
VCE=400 V
VBE=0 V
BDY28, 185T2
--
1.0
mA


Similar Part No. - BDY26

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Inchange Semiconductor ...
BDY26 ISC-BDY26 Datasheet
224Kb / 2P
   isc Silicon NPN Power Transistor
logo
Comset Semiconductor
BDY26 COMSET-BDY26 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA.
logo
New Jersey Semi-Conduct...
BDY26 NJSEMI-BDY26 Datasheet
132Kb / 2P
   Silicon NPN Power Transistor
logo
Seme LAB
BDY26A SEME-LAB-BDY26A Datasheet
49Kb / 2P
   HIGH CURRENT NPN SILICON TRANSISTOR
More results

Similar Description - BDY26

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY57 ETC-BDY57 Datasheet
153Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com