Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX215U Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTX215U
Description  EPITAXIAL PLANAR PNP/NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX215U Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTX215U Datasheet HTML 1Page - KEC(Korea Electronics) KTX215U Datasheet HTML 2Page - KEC(Korea Electronics) KTX215U Datasheet HTML 3Page - KEC(Korea Electronics) KTX215U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008. 9. 23
3/4
KTX215U
Revision No : 1
BASE-EMITTER VOLTAGE VBE (V)
IC - VBE
Ta=125
C
V =-2V
I /I =20
CE
V =-2V
CE
V =-2V
CE
CB
I /I =20
CB
I /I =50
C B
I /I =20
CB
I /I =10
CB
Ta=25
C
Ta=-40
C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
10
1K
30
50
100
300
500
VCE(sat) - IC
COLLECTOR CURRENT IC (mA)
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
VCE(sat) - IC
COLLECTOR CURRENT IC (mA)
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
0
-1
-0.5
-1.0
-1.5
-3
-5
-10
-30
-50
-100
-300
-500
-1K
fT - IC
COLLECTOR CURRENT IC (mA)
-1
-3
-10
-30
-100
-300
-1K
-100
-10K
-300
-500
-1K
-3K
-5K
VBE(sat) - IC
COLLECTOR CURRENT IC (mA)
-1
-3
-10
-30
-100
-300
-1K
10
1K
30
50
100
300
500
-1
-3
-10
-30
-100
-300
-1K
COLLECTOR CURRENT IC (mA)
Q1 (PNP TRANSISTOR)
hFE - IC


Similar Part No. - KTX215U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX216U KEC-KTX216U Datasheet
373Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTX215U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX206U KEC-KRX206U Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX102E KEC-KTX102E Datasheet
99Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX213U KEC-KTX213U Datasheet
390Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX102E KEC-KTX102E_15 Datasheet
65Kb / 5P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KTX103E KEC-KTX103E Datasheet
864Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
logo
Leshan Radio Company
LRX102UT1G LRC-LRX102UT1G Datasheet
490Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
logo
KEC(Korea Electronics)
KTX101U KEC-KTX101U_15 Datasheet
65Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX111T KEC-KTX111T_15 Datasheet
69Kb / 4P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com