Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63DBV01E6000 Datasheet(PDF) 1 Page - ETRI

Part # 63DBV01E6000
Description  DC High Performance Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

63DBV01E6000 Datasheet(HTML) 1 Page - ETRI

  63DBV01E6000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2012
L-10 LIFE AT 40°C:
40 000 hours
Life expectancy
Approvals
Ø 239.5 x 151 mm
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
63DBV
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
76
4750
175
(17-33)
X
-25
70
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
63DBV01E6000
28
268
Connexion type
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: aluminium
Impeller material: plastic UL 94 VO
Weight: 5,5 Kg
Bearing system: ball bearings
Available with:
- 0-10V speed control
- Tachometric output
- EN 61373 standard
Additional versions:
Salt spray protected - Shock & vibration protected - Fire smoke - IP55
DC High Performance Fans
Airflow: CFM
Airflow: l/s
63DBV
Non recommended
zone
Ø 9,43’’ x 5,945’’


Similar Part No. - 63DBV01E6000

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
63D-12-1AEXXX OENINDIA-63D-12-1AEXXX Datasheet
326Kb / 1P
   HEAVY DUTY POWER RELAY
63D-12-1CEXXX OENINDIA-63D-12-1CEXXX Datasheet
326Kb / 1P
   HEAVY DUTY POWER RELAY
63D-12-ACE OENINDIA-63D-12-ACE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
logo
Cooper Bussmann, Inc.
63D33 COOPER-63D33 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 63DBV01E6000

ManufacturerPart #DatasheetDescription
logo
ETRI
82DBT05D6000 ETRI-82DBT05D6000 Datasheet
136Kb / 1P
   DC High Performance Fans
82DBT05D6000 ETRI-82DBT05D6000_12 Datasheet
171Kb / 1P
   DC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
97CJ116DC13 ETRI-97CJ116DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
60CV216DC13 ETRI-60CV216DC13 Datasheet
165Kb / 1P
   AC High Performance Fans
80CE0161C13 ETRI-80CE0161C13_12 Datasheet
172Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
61GR116DC13A ETRI-61GR116DC13A Datasheet
187Kb / 1P
   AC High Performance Fans
60AF026DC13 ETRI-60AF026DC13_12 Datasheet
175Kb / 1P
   AC High Performance Fans
86CB016DC13 ETRI-86CB016DC13_16 Datasheet
56Kb / 1P
   AC High Performance Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com