Electronic Components Datasheet Search |
|
C346C322BCG5HA7301 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C346C322BCG5HA7301 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 3 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Benefits • Radial leaded form factor • Conformally coated • 0.100", 0.200", 0.250" and 0.400" lead spacing • Operating temperature range of -55°C to +125°C • Lead (Pb)-Free, RoHS and REACH compliant • DC voltage ratings of 500 V, 630 V, 1 KV, 1.5 KV, 2 KV, 2.5 KV and 3 KV • Capacitance offerings ranging from 1.0 pF up to 0.039 μF • Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5% and ±10% • High temperature solder lead attach • Extremely low ESR and ESL • High thermal stability • High ripple current capability • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from -55°C to +125°C • No capacitance decay with time • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated lead finish allowing for excellent solderability • SnPb-plated lead finish option available upon request (Sn60/Pb40) • Encapsulation meets flamability standard UL 94V-0 Applications Typical applications include switch mode power supplies (input filters, resonators, tank circuits, snubbed circuits, output filters), high voltage coupling and DC blocking, lighting ballasts, voltage multiplier circuits, DC/DC converters and coupling capacitors in Ćuk converters. Markets include power supply, LCD fluorescent backlight ballasts, HID lighting, telecom equipment, industrial and medical equipment/control, LAN/WAN interface, analog and digital modems, and automotive. Application Notes These devices are not recommended for use in overmold applications and/or processes. Qualification/Certification Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in Table 2, Performance & Reliability. |
Similar Part No. - C346C322BCG5HA7301 |
|
Similar Description - C346C322BCG5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |