Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122-311-01 Datasheet(PDF) 1 Page - Marl International Limited

Part # 122-311-01
Description  PCB MOUNTING LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

122-311-01 Datasheet(HTML) 1 Page - Marl International Limited

  122-311-01 Datasheet HTML 1Page - Marl International Limited 122-311-01 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
122 SERIES
PCB MOUNTING LED
FEATURES
BENEFITS
• 3mm Duplex PCB
• Diffused LED
• Standard Intensity LED
• Suitable for auto insertion
• Range of LED colour and voltage options
• Conforms to UL94 V-0 Flammability Rating
• Reverse polarity options
• Saves on board space
• Diffused LED gives wide viewing angle
• Reduced power consumption
• Saves on assembly time
• Suitable for a wide range of PCB applications
• Meets industrial requirements
• Suits semi-custom PCB designs
• Outstanding reliability
Marl Part
Number
LED Colour
Typical LED
Voltage
DC Vf
Typical LED
Current
DC If
Typical LED
Luminous
Intensity
Typical LED
Wavelength
λd
Operating
Temp
Topr *
Storage
Temp
Tstg
122-305-01
Red
1.7
2
5
625
-40 to +85
-40 to +85
122-311-01
Yellow
1.8
22
588
-40 to +85
-40 to +85
122-314-01
Green
1.9
2
4
568
-40 to +85
-40 to +85
122-305-04
Red
2.0
20
55
625
-40 to +85
-40 to +85
122-311-04
Yellow
2.1
20
32
588
-40 to +85
-40 to +85
122-314-04
Green
2.2
20
44
568
-40 to +85
-40 to +85
122-330-04
Red/Green Bi-Colour
2.0/2.2
20
20/20
625/568
-40 to +85
-40 to +85
122-332-04
Green/Yellow Bi-Colour 2.2/2.1
20
20/10
568/588
-40 to +85
-40 to +85
Vdc
mA
mcd
nm
°C
°C
NOTES
Intensities (lv) may vary between LEDs within a batch. Figures for Bi-Colour LEDs and multi-LED products are per LED and denoted respectively. Additional LED Colours, LED Colour
Combinations, Voltage Options and Reverse Polarity options available for semi-custom projects. Please contact our Sales Team. All LED components are supplied in anti-static packaging.
* LED Characteristics stated at Ta=25°C. For operating temperature derating graphs, please refer to sheet 2.
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
Q 05480
DSN 122 Version 2015-10-19-102500. Page 1 of 2
marlleds
marlinternationallimited
company/marl-international-limited
TECHNICAL DRAWING
Weight (g): 0.75
Dimensions in mm (typical). Not to scale.
2.54
4 HOLES
0.9 ±0.1
5.2
2.54
Anode
3.7
10
6.84
0.5 Sq
Mounting Footprint
2.54


Similar Part No. - 122-311-01

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-311-01 MARL-122-311-01 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
122-311-01-50 MARL-122-311-01-50 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
122-311-01-51 MARL-122-311-01-51 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 122-311-01

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
104-505-01 MARL-104-505-01_15 Datasheet
197Kb / 2P
   PCB MOUNTING LED
103-305-01 MARL-103-305-01_15 Datasheet
210Kb / 2P
   PCB MOUNTING LED
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
logo
Vincotech
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com