Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103-305-01 Datasheet(PDF) 2 Page - Marl International Limited

Part # 103-305-01
Description  PCB MOUNTING LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

103-305-01 Datasheet(HTML) 2 Page - Marl International Limited

  103-305-01_15 Datasheet HTML 1Page - Marl International Limited 103-305-01_15 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
103 SERIES
PCB MOUNTING LED
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
Q 05480
DSN 103 Version 2015-10-19-093200. Page 2 of 2
HOUSING MATERIAL
DE-RATING GRAPHS
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red 305 LED
6
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Yellow 311 LED
7
DESIGN CONSIDERATIONS
LED Polarity
Anode identification is shown in the dimensional diagram.
The long lead of a non cropped unit can also be used to help
identify the anode. For the 2 pin bi-colour units the standard
colour configuration is red anode to the ‘+’ sign.
Reverse Polarity
This is offered on all PCB units, with the exception of the
125 series, if requested to help overcome the problem of
systems with reverse polarity connections. Multiple units can
also be supplied in reverse polarity but not with mixed
polarities. The 2 pin and 3 pin bi-colours can be supplied in
reverse colour configuration.
Bi-Colour
2 pin operation. To achieve the second colour for a 2 pin bi-
colour unit, the supply must be reversed, standard colour
configuration for these units is red anode to the ‘+’ sign.
Lead Cropping
Should lead cropping be required, Marl offer two standard
lengths, either by request or by adding one of the following
codes to the end of the part number:-
-24 = 3mm.
-26 = 5mm (e.g 103-305-01-26)
Other non standard lead lengths are available on request.
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many
situations involving people moving and handling
products.The range of possible situations is very diverse
but voltage levels as high as several thousand volts can and
do arise in many individual situations. When an operator
charged up to these levels handles a static sensitive device,
there is a very probable likelihood that the device will be
irreversibly damaged. It is essential that precautions are
taken at all stages during manufacture and assembly of
these products. Although LEDs were never considered to
be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity
products over a large range of the wavelength spectrum
have changed this. Marl has an approved system of ESD
control from goods in, through production and into final
packing and despatch. Marl recommend all users of LED
based products follow the guidelines of BS 100015.
Voltage, Current and Temperature
The forward voltage / current value of an LED is dependent
upon the ambient temperature of the environment in which
it is operated. Therefore, care must be taken to operate the
LED at the correct voltage / current values, depending upon
the ambient temperature.
Marl should be contacted if the device is to be operated
outside the temperature range specified. Marl accept no
liability for any product that is operated outside the stated
voltage or temperature range.
marlleds
marlinternationallimited
company/marl-international-limited
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Green 314 LED
Nylon66 (A82)
This material offers UL94 V-0 flame retardancy* and a high impact strength. This material has a melting point of 200-220°C and is suitable for use in the majority of
automatic soldering processes.
*Material test thickness of 1.6mm
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red+Green Bi-Colour LED
7.5
5
R
G


Similar Part No. - 103-305-01_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-01 MARL-103-305-01 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 103-305-01_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
104-505-01 MARL-104-505-01_15 Datasheet
197Kb / 2P
   PCB MOUNTING LED
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
logo
Vincotech
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com