Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1705 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1705
Description  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1705 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1705_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1705_15 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATA SHEET • SMV1705 SERIES VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 7, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200076N
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMV1705 group of
varactors are provided in Table 2. Electrical specifications are
provided in Table 3. Typical capacitance values are listed in
Table 4. Typical performance characteristics of the SMV1705
varactors are illustrated in Figures 1 and 2.
The SPICE model for the SMV1705 varactors is shown in Figure 3
and the associated model parameters are provided in Table 5.
Package Dimensions
Package dimensions are shown in Figures 4 to 8 (even numbers),
and tape and reel dimensions are provided in Figures 5 to 9 (odd
numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMV1705 series of varactors are rated to Moisture Sensitivity
Level 1 (MSL1) at 260
C. They can be used for lead or lead-free
soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Table 2. SMV1705 Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
12
V
Forward current
IF
20
mA
Power dissipation
PDIS
250
mW
Operating temperature
TOP
–55
+125
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Charged Device Model (CDM), Class 3
Human Body Model (HBM), Class 1C
Machine Model (MM), Class B
ESD
1000
1000
200
V
V
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMV1705 Series Electrical Specifications (Note 1)
(TOP = 25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 8 V
<0.01
20
nA
Capacitance
CT
F = 1 MHz :
VR = 1 V
VR = 4 V
17.3
5.3
18.3
6.1
19.3
6.6
pF
pF
Capacitance ratio
CTR
CT @ 1 V/ CT @ 4 V
2.8
3.0
Series resistance
RS
F = 470 MHz, VR = 1 V
0.32
Ω
Breakdown voltage
VBR
IR = 10
μA
12
V
Note 1: Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SMV1705_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1705-004 SKYWORKS-SMV1705-004 Datasheet
119Kb / 5P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1705-079 SKYWORKS-SMV1705-079 Datasheet
119Kb / 5P
   Hyperabrupt Junction Tuning Varactors
SMV1705-079LF SKYWORKS-SMV1705-079LF Datasheet
119Kb / 5P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1705_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com