Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-52003-F Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI-52003-F
Description  ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI-52003-F Datasheet(HTML) 1 Page - Silicon Laboratories

  SI-52003-F Datasheet HTML 1Page - Silicon Laboratories SI-52003-F Datasheet HTML 2Page - Silicon Laboratories SI-52003-F Datasheet HTML 3Page - Silicon Laboratories SI-52003-F Datasheet HTML 4Page - Silicon Laboratories SI-52003-F Datasheet HTML 5Page - Silicon Laboratories SI-52003-F Datasheet HTML 6Page - Silicon Laboratories SI-52003-F Datasheet HTML 7Page - Silicon Laboratories SI-52003-F Datasheet HTML 8Page - Silicon Laboratories SI-52003-F Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.2 4/16
Copyright © 2016 by Silicon Laboratories
Si3402BISO-EVB
Si3402BISO-EVB
I SOLATED E VALUATION B OARD FOR THE Si3402B
1. Description
The Si3402B isolated evaluation board (Si3402BISO-EVB Rev 2) is a reference design for power supplies in
Power over Ethernet (PoE) Powered Device (PD) applications. The Si3402B is described more completely in the
data sheet and application notes. This document describes only the Si3402BISO-EVB evaluation board. An
evaluation board demonstrating the non-isolated application is described in the Si3402B-EVB User’s Guide.
2. Planning for Successful Designs
Silicon Labs strongly recommends the use of the schematic and layout databases provided with the evaluation
boards as the starting point for your design. Use of external components other than those described and
recommended in this document is generally discouraged. Refer to Table 2 on page 9 for more information on
critical component specifications. Careful attention to the recommended layout guidelines is required to enable
robust designs and full specification compliance. To help ensure design success, please submit your schematic
and layout databases to www.silabs.com/support for review and feedback.
3. Si3402B Board Interface
Ethernet data and power are applied to the board through the RJ-45 connector (J1). The board itself has no
Ethernet data transmission functionality, but, as a convenience, the Ethernet transformer secondary is brought out
to the test points. Power may be applied in the following ways:
Connecting a dc source to Pins 1, 2 and 3, 6 of the Ethernet cable (either polarity).
Connecting a dc source to Pins 4, 5 and 7, 8 of the Ethernet cable (either polarity).
Using an IEEE 802.3-2015-compliant, PoE-capable PSE, such as Trendnet TPE-1020WS.
The Si3402BISO-EVB board schematics and layout are shown in Figures 1 through 6.
The dc output is at connectors J11(+) and J12(–). Boards are generally shipped configured to produce +5 V output
voltage but can be configured for +3.3 V or other output voltages as shown in Table 2 on page 9. The
preconfigured Class 3 signature also can be modified according to Table 3 on page 10. The D8–D15 Schottky-type
diode bridge bypass is recommended only for higher power levels (Class 3 operation). For lower power levels,
such as Class 1 and Class 2, the diodes can be removed. When the Si3402B is used in external diode bridge
configuration, it requires at least one pair of the CTx and SPx pins to be connected to the PoE voltage input
terminals (to the input of the external bridge).
The feedback loop compensation has been optimized for 3.3, 5, 9, and 12 V output as well as with standard and
low ESR capacitors in the output filter section (Table 2 on page 9). The use of low ESR capacitors is recommended
for lower output ripple, improved load transient response and low temperature (below 0 °C) operation.


Similar Part No. - SI-52003-F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52003-F BEL-SI-52003-F Datasheet
325Kb / 4P
   SI-52003-F
logo
Silicon Laboratories
SI-52003-F SILABS-SI-52003-F Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - SI-52003-F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com