Electronic Components Datasheet Search |
|
Si5341-D-EVB Datasheet(PDF) 2 Page - Silicon Laboratories |
|
Si5341-D-EVB Datasheet(HTML) 2 Page - Silicon Laboratories |
2 / 53 page 1. Features List The Si5341/40 Rev D features are listed below: • Generates any combination of output frequencies from any in- put frequency • Ultra-low jitter of 90 fs rms • Input frequency range: • External crystal: 25 to 54 MHz • Differential clock: 10 to 750 MHz • LVCMOS clock: 10 to 250 MHz • Output frequency range: • Differential: 100 Hz to 1028 MHz • LVCMOS: 100 Hz to 250 MHz • Highly configurable outputs compatible with LVDS, LVPECL, LVCMOS, CML, and HCSL with programmable signal ampli- tude • Locks to gapped clock inputs • Optional zero delay mode • Glitchless on the fly output frequency changes • DCO mode: as low as 0.001 ppb steps • Core voltage • VDD: 1.8 V ±5% • VDDA: 3.3 V ±5% • Independent output clock supply pins • 3.3 V, 2.5 V, or 1.8 V • Serial interface: I2C or SPI • In-circuit programmable with non-volatile OTP memory • ClockBuilder Pro software simplifies device configuration • Si5341: 4 input, 10 output, 64-QFN 9x9 mm • Si5340: 4 input, 4 output, 44-QFN 7x7 mm • Temperature range: –40 to +85 °C • Pb-free, RoHS-6 compliant Si5341/40 Rev D Data Sheet Features List silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 1 |
Similar Part No. - Si5341-D-EVB |
|
Similar Description - Si5341-D-EVB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |