Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiOCXO1-EVB Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SiOCXO1-EVB
Description  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SiOCXO1-EVB Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SiOCXO1-EVB Datasheet HTML 2Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 3Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 4Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 5Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 6Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 7Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 8Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 9Page - Silicon Laboratories SiOCXO1-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
3.4.4 Locked Mode
Once locked, a DSPLL will generate output clocks that are both frequency and phase locked to their selected input clocks. At this point,
any XTAL frequency drift will not affect the output frequency. Each DSPLL has its own LOLb pin and status bit to indicate when lock is
achieved. Refer to 3.8.6 LOL Detection for more details on the operation of the loss of lock circuit.
3.4.5 Holdover Mode
Any of the DSPLLs will automatically enter Holdover Mode when the selected input clock becomes invalid and no other valid input
clocks are available for selection. Each DSPLL uses an averaged input clock frequency as its final holdover frequency to minimize the
disturbance of the output clock phase and frequency when an input clock suddenly fails. The holdover circuit for each DSPLL stores up
to 120 seconds of historical frequency data while locked to a valid clock input. The final averaged holdover frequency value is calcula-
ted from a programmable window within the stored historical frequency data. Both the window size and delay are programmable as
shown in the figure below. The window size determines the amount of holdover frequency averaging. The delay value allows ignoring
frequency data that may be corrupt just before the input clock failure.
Programmable delay
Clock Failure and
Entry into Holdover
time
0s
Historical Frequency Data Collected
Programmable historical data window
used to determine the final holdover value
120s
1s,10s, 30s, 60s
30ms, 60ms, 1s,10s, 30s, 60s
Figure 3.2. Programmable Holdover Window
When entering holdover, a DSPLL will pull its output clock frequency to the calculated averaged holdover frequency. While in holdover,
the output frequency drift is entirely dependent on the external reference clock connected to the REF/REFb pins. If the clock input be-
comes valid, a DSPLL will automatically exit the holdover mode and re-acquire lock to the new input clock. This process involves pulling
the output clock frequencies to achieve frequency and phase lock with the input clock. This pull-in process is glitchless.
The DSPLL output frequency when exiting holdover can be ramped (recommended). Just before the exit is initiated, the difference be-
tween the current holdover frequency and the new desired frequency is measured. Using the calculated difference and a user-selecta-
ble ramp rate, the output is linearly ramped to the new frequency. The ramp rate can be 0.2 ppm/s, 40,000 ppm/s, or any of about 40
values in between. The DSPLL loop BW does not limit or affect ramp rate selections (and vice versa). CBPro defaults to ramped exit
from holdover. The same ramp rate settings are used for both exit from holdover and ramped input switching. For more information on
ramped input switching see 3.7.6 Ramped Input Switching.
Note: If ramped holdover exit is not selected, the holdover exit is governed either by (1) the DSPLL loop BW or (2) a user-selectable
holdover exit BW.
3.5 Digitally-Controlled Oscillator (DCO) Mode
The DSPLLs support a DCO mode where their output frequencies are adjustable in pre-defined steps defined by frequency step words
(FSW). The frequency adjustments are controlled through the serial interface or by pin control using frequency increments (FINC) or
decrements (FDEC). A FINC will add the frequency step word to the DSPLL output frequency, while a FDEC will decrement it. The
DCO mode is available when the DSPLL is operating in locked mode. The DCO mode is mainly used in IEEE1588 (PTP) applications
where a clock needs to be generated based on recovered timestamps. In this case timestamps are recovered by the PHY/MAC. A pro-
cessor containing servo software controls the DCO to close the timing loop between the master and slave nodes. The processor has
the option of using the FINC/FDEC pin controls to update the DCO frequency or by controlling it through the serial interface.
Si5348 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


Similar Part No. - SiOCXO1-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SiOCXO1-EVB SILABS-SiOCXO1-EVB Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SIOCXO1-EVB SKYWORKS-SIOCXO1-EVB Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
SIOCXO1-EVB SKYWORKS-SIOCXO1-EVB Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SIOCXO1-EVB SKYWORKS-SIOCXO1-EVB Datasheet
1Mb / 57P
   Network Synchronizer Clocks Supporting 1 PPS to 750 MHz Inputs
Rev. 1.1
More results

Similar Description - SiOCXO1-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com