Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0805-10W-473J Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CR0805-10W-473J
Description  NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CR0805-10W-473J Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CR0805-10W-473J Datasheet HTML 5Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 6Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 7Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 8Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 9Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 10Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 11Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 12Page - Silicon Laboratories CR0805-10W-473J Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Si3402B-EVB
Rev. 1.1
11
d. Keep the circular area of the loop from the Switcher FET output to the inductor or transformer and
returning from the input filter capacitors (C1–C4) to Vss2 as small a diameter as possible. Also, minimize
the circular area of the loop from the output of the inductor or transformer to the Schottky diode and
returning through the first stage output filter capacitor back to the inductor or transformer as small as
possible. If possible, keep the direction of current flow in these two loops the same.
e. Keep the high power traces as short as possible.
f.
Keep the feedback and loop stability components as far from the transformer/inductor and noisy power
traces as possible.
g. If the outputs have a ground plane or positive output plane, do not connect the high current carrying
components and the filter capacitors through the plane. Connect them together, and then connect to the
plane at a single point.
h. As a convenience in layout, please note that the IC is symmetrical with respect to CT1, CT2, SP1, and
SP2. These leads can be interchanged. At least one pair of CT1/CT2 or SP1/SP2 should be connected.
To help ensure first-pass success, submit your schematics and layout files to PoEInfo@silabs.com for review.
Other technical questions may be sent to this e-mail address as well.


Similar Part No. - CR0805-10W-473J

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CR0805-10W-4991F SILABS-CR0805-10W-4991F Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
CR0805-10W-4992F SILABS-CR0805-10W-4992F Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - CR0805-10W-473J

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
SI3400-EVB SILABS-SI3400-EVB Datasheet
225Kb / 14P
   The Si3400, Si3401, and Si3402 non-isolated evaluation
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com