Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5345A-D-GM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si5345A-D-GM
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5345A-D-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si5345A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 11Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 12Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 13Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 14Page - Silicon Laboratories Si5345A-D-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
3.7.7 Synchronizing to Gapped Input Clocks
The DSPLL supports locking to an input clock that has missing periods. This is also referred to as a gapped clock. The purpose of
gapped clocking is to modulate the frequency of a periodic clock by selectively removing some of its cycles. Gapping a clock severely
increases its jitter so a phase-locked loop with high jitter tolerance and low loop bandwidth is required to produce a low-jitter periodic
clock. The resulting output will be a periodic non-gapped clock with an average frequency of the input with its missing cycles. For
example, an input clock of 100 MHz with one cycle removed every 10 cycles will result in a 90 MHz periodic non-gapped output clock.
This is shown in the following figure. For more information on gapped clocks, see “AN561: Introduction to Gapped Clocks and PLLs”.
DSPLL
100 ns
100 ns
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
100 MHz clock
1 missing period every 10
90 MHz non-gapped clock
10 ns
11.11111... ns
Gapped Input Clock
Periodic Output Clock
Period Removed
Figure 3.5. Generating an Averaged Clock Output Frequency from a Gapped Clock Input
A valid gapped clock input must have a minimum frequency of 10 MHz with a maximum of two missing cycles out of every eight. Lock-
ing to a gapped clock will not trigger the LOS, OOF, and LOL fault monitors. Clock switching between gapped clocks may violate the
hitless switching specification in Table 5.8 Performance Characteristics on page 31 when the switch occurs during a gap in either
input clock.
3.8 Fault Monitoring
All four input clocks (IN0, IN1, IN2, IN3/FB_IN) are monitored for loss of signal (LOS) and out-of-frequency (OOF) as shown in the fig-
ure below. The reference at the XA/XB pins is also monitored for LOS since it provides a critical reference clock for the DSPLL. There is
also a Loss Of Lock (LOL) indicator which is asserted when the DSPLL loses synchronization.
DSPLL
LPF
PD
÷M
IN0
IN0b
Precision
Fast
OOF
LOS
÷P0
IN1
IN1b
Precision
Fast
OOF
LOS
÷P1
IN3/FB_IN
IN3/FB_INb
Precision
Fast
OOF
LOS
÷P3
IN2
IN2b
Precision
Fast
OOF
LOS
÷P2
LOL
XB
XA
OSC
LOS
Si5345/44/42
Figure 3.6. Si5345/44/42 Fault Monitors
Si5345/44/42 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 10


Similar Part No. - Si5345A-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5345A-D-GM1 SKYWORKS-SI5345A-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - Si5345A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com