Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0805-10W-1212F Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CR0805-10W-1212F
Description  ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CR0805-10W-1212F Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CR0805-10W-1212F Datasheet HTML 5Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 6Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 7Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 8Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 9Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 10Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 11Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 12Page - Silicon Laboratories CR0805-10W-1212F Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Si3402BISO-EVB
Rev. 1.2
9
Table 2. Component Selection for other Output Voltages and Filter Types
3.3 V Output
Transformer*
EP10 FA2671
EP13FA2924AL
Output Rectifier:
PDS1040
Snubber: R10, C7
10 W, 470 pF
Reference
Any TLV431
R5
R6
C6
C5
Panasonic
R7,
R8, R12
C9,C21
Standard ESR Output
Filter
24.3 k
14.7 k
100 µF
X5R
1000 µF
6.3 V
ECA0JM102
500
, 1.1 k,
475
10 nF, 33 nF,
Low ESR Output Filter
24.3 k
14.7 k
100 µF
X5R
560 µF
6.3 V
EEUFM0J561 324
, 2 k, 820  10 nF, 100 nF
5.0 V Output
Transformer*
EP10 FA2671
EP13FA2924CL
Output Rectifier
PDS1040
Snubber: R10, C7
10
Ω, 470 pF
Reference
Any TLV431
R5
R6
C6
C5
Panasonic
R7,
R8, R12
C9, C21
Standard ESR Output
Filter
36.5 k
12.1 k
100 µF
X5R
1000 µF
6.3 V
ECA0JM102
2.05 k
,
0
, 0 
3.3nF, 15 nF
Low ESR Output Filter
36.5 k
12.1 k
100 µF
X5R
560 µF
6.3 V
EEUFM0J561
2.05 k
,
0
, 0 
3.3nF, 33 nF
9.0 V Output
Transformer*
EP10 FA2672
EP13FA2805CL
Output Rectifier:
PDS5100
Snubber: R10, C7
20
, 68 pF
Reference
Higher voltage e.g.,
TLV431ASNT1G
R5
R6
C6
C5
Panasonic
R1,R7,
R8, R12
C9,C21
Standard ESR Output
Filter
66.5 k
10.5 k
22 µF X5R
16 V
470 µF
16 V
ECA1M471
1.3 k
3 k,
0
, 0 
10 nF, 15 nF
Low ESR Output Filter
66.5 k
10.5 k
22 µF X5R
16 V
330 µF
16 V
EEUFM1C331
3 k
,
0
, 0 
10 nF, 15 nF
12.0 V Output
Transformer* EP10
FA2672
EP13FA2805CL
Output rectifier: PDS5100
Snubber: R10, C7
20
, 68 pF
Reference
Higher Voltage e.g.,
TLV431ASNT1G
R5
R6
C6
C5
Panasonic
R1,R7,
R8, R12
C9,C21
Standard ESR Output
Filter
88.7 k
10.2 k
22 µF X5R
16 V
470 µF
16 V
ECA1M471
1.3 k
3 k,
0
, 0 
10 nF, 15 nF
Low ESR Output Filter
88.7 k
10.2 k
22 µF X5R
16 V
330 µF
16 V
EEUFM1C331
1.3 k
3 k,
0
, 0 
10 nF, 15 nF
*Note: Coilcraft part number. EP13 core is recommended for >10 W output power.


Similar Part No. - CR0805-10W-1212F

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CR0805-10W-10R0F SKYWORKS-CR0805-10W-10R0F Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
CR0805-10W-15R0F SKYWORKS-CR0805-10W-15R0F Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
CR0805-10W-15R0F SKYWORKS-CR0805-10W-15R0F Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
CR0805-10W-15R0F SKYWORKS-CR0805-10W-15R0F Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
CR0805-10W-1654F SKYWORKS-CR0805-10W-1654F Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results

Similar Description - CR0805-10W-1212F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com